Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 536 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 532Page - Renesas Technology Corp SH7014 Datasheet HTML 533Page - Renesas Technology Corp SH7014 Datasheet HTML 534Page - Renesas Technology Corp SH7014 Datasheet HTML 535Page - Renesas Technology Corp SH7014 Datasheet HTML 536Page - Renesas Technology Corp SH7014 Datasheet HTML 537Page - Renesas Technology Corp SH7014 Datasheet HTML 538Page - Renesas Technology Corp SH7014 Datasheet HTML 539Page - Renesas Technology Corp SH7014 Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 502 of 716
REJ09B0398-0500
18.5.3
Erase Block Register 1 (EBR1)
EBR1 is an 8-bit readable/writable register that specifies the flash memory erase area block by
block. EBR1 is initialized to H'00 by a reset, in hardware standby mode and software standby
mode, when a low level is input to the FWE pin, and when a high level is input to the FWE pin
and the SWE bit in FLMCR1 is not set. When a bit in EBR1 is set to 1, the corresponding block
can be erased. Other blocks are erase-protected. Set only one bit in EBR1 (more than one bit
cannot be set). When on-chip flash memory is disabled, a read will return H'00, and writes are
invalid.
The flash memory block configuration is shown in table 18.4.
Bit:
7
6
5
4
3
2
1
0
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 18.4
Flash Memory Erase Blocks
Block (Size)
Address
EB0 (32 kB)
H'000000 to H'007FFF
EB1 (32 kB)
H'008000 to H'00FFFF
EB2 (32 kB)
H'010000 to H'017FFF
EB3 (28 kB)
H'018000 to H'01EFFF
EB4 (1 kB)
H'01F000 to H'01F3FF
EB5 (1 kB)
H'01F400 to H'01F7FF
EB6 (1 kB)
H'01F800 to H'01FBFF
EB7 (1 kB)
H'01FC00 to H'01FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com