Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 535Page - Renesas Technology Corp SH7014 Datasheet HTML 536Page - Renesas Technology Corp SH7014 Datasheet HTML 537Page - Renesas Technology Corp SH7014 Datasheet HTML 538Page - Renesas Technology Corp SH7014 Datasheet HTML 539Page - Renesas Technology Corp SH7014 Datasheet HTML 540Page - Renesas Technology Corp SH7014 Datasheet HTML 541Page - Renesas Technology Corp SH7014 Datasheet HTML 542Page - Renesas Technology Corp SH7014 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 505 of 716
REJ09B0398-0500
18.6.1
Boot Mode
When boot mode is used, the flash memory programming control program must be prepared in the
host beforehand. The SCI to be used is set to channel asynchronous mode.
When a reset-start is executed after the SH7017 pins have been set to boot mode, the boot program
built into the SH7017 is started and the programming control program prepared in the host is
serially transmitted to the SH7017 via the SCI. In the SH7017, the programming control program
received via the SCI is written into the programming control program area in on-chip RAM. After
the transfer is completed, control branches to the start address of the programming control
program area and the programming control program execution state is entered (flash memory
programming is performed).
The transferred programming control program must therefore include coding that follows the
programming algorithm given later.
The system configuration in boot mode is shown in figure 18.8, and the boot mode execution
procedure in figure 18.9.
RXD1
TXD1
SCI1
SH7017
Flash memory
Write data reception
Verify data transmission
Host
On-chip RAM
Figure 18.8 System Configuration in Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com