Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 540 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 536Page - Renesas Technology Corp SH7014 Datasheet HTML 537Page - Renesas Technology Corp SH7014 Datasheet HTML 538Page - Renesas Technology Corp SH7014 Datasheet HTML 539Page - Renesas Technology Corp SH7014 Datasheet HTML 540Page - Renesas Technology Corp SH7014 Datasheet HTML 541Page - Renesas Technology Corp SH7014 Datasheet HTML 542Page - Renesas Technology Corp SH7014 Datasheet HTML 543Page - Renesas Technology Corp SH7014 Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 506 of 716
REJ09B0398-0500
Note: If a memory cell does not operate normally and cannot be erased, one H'FF byte is
transmitted as an erase error, and the erase operation and subsequent operations
are halted.
Start
Set pins to boot mode
and execute reset-start
Host transfers data (H'00)
continuously at prescribed bit rate
SH7017 measures low period
of H'00 data transmitted by host
SH7017 calculates bit rate and
sets value in bit rate register
After bit rate adjustment, SH7017
transmits one H'00 data byte to
host to indicate end of adjustment
Host confirms normal reception
of bit rate adjustment end
indication (H'00), and transmits
one H'55 data byte
After receiving H'55,
SH7017 transmits one H'AA
data byte to host
Host transmits number
of programming control program
bytes (N), upper byte followed
by lower byte
SH7017 transmits received
number of bytes to host as verify
data (echo-back)
n = 1
Host transmits programming control
program sequentially in byte units
SH7017 transmits received
programming control program to
host as verify data (echo-back)
Transfer received programming
control program to on-chip RAM
n = N?
No
Yes
End of transmission
Check flash memory data, and
if data has already been written,
erase all blocks
After confirming that all flash
memory data has been erased,
SH7017 transmits one H'AA data
byte to host
Execute programming control
program transferred to on-chip RAM
n + 1
→ n
Figure 18.9 Boot Mode Execution Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com