Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 531Page - Renesas Technology Corp SH7014 Datasheet HTML 532Page - Renesas Technology Corp SH7014 Datasheet HTML 533Page - Renesas Technology Corp SH7014 Datasheet HTML 534Page - Renesas Technology Corp SH7014 Datasheet HTML 535Page - Renesas Technology Corp SH7014 Datasheet HTML 536Page - Renesas Technology Corp SH7014 Datasheet HTML 537Page - Renesas Technology Corp SH7014 Datasheet HTML 538Page - Renesas Technology Corp SH7014 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 501 of 716
REJ09B0398-0500
Bit 0
⎯Program (P): Selects program mode transition or clearing. Do not set the SWE, PSU,
ESU, EV, PV, or E bit at the same time.
Bit 0
P
Description
0
Program mode cleared
(Initial value)
1
Transition to program mode
[Setting condition]
When FWE = 1, SWE = 1, and PSU = 1
18.5.2
Flash Memory Control Register 2 (FLMCR2)
Bit:
7
6
5
4
3
2
1
0
FLER
⎯
⎯
⎯
⎯
⎯
⎯
⎯
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
FLMCR2 is an 8-bit register that monitors the presence or absence of flash memory program/erase
protection (error protection). FLMCR2 is initialized to H'00 by a reset, and in hardware standby
mode.
When on-chip flash memory is disabled, a read will return H'00.
Bit 7
⎯Flash Memory Error (FLER): Indicates that an error has occurred during an operation on
flash memory (programming or erasing). When FLER is set to 1, flash memory goes to the error-
protection state.
Bit 7
FLER
Description
0
Flash memory is operating normally.
Flash memory program/erase protection (error protection) is disabled.
[Clearing condition]
Power-on reset
(Initial value)
1
An error has occurred during flash memory programming/erasing.
Flash memory program/erase protection (error protection) is enabled.
[Setting condition]
See section 18.8.3, Error Protection.
Bits 6 to 0
⎯Reserved: These bits are always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com