Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 547 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 547 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 543Page - Renesas Technology Corp SH7014 Datasheet HTML 544Page - Renesas Technology Corp SH7014 Datasheet HTML 545Page - Renesas Technology Corp SH7014 Datasheet HTML 546Page - Renesas Technology Corp SH7014 Datasheet HTML 547Page - Renesas Technology Corp SH7014 Datasheet HTML 548Page - Renesas Technology Corp SH7014 Datasheet HTML 549Page - Renesas Technology Corp SH7014 Datasheet HTML 550Page - Renesas Technology Corp SH7014 Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 513 of 716
REJ09B0398-0500
• Sample 32-byte programming program
The wait time set values (number of loops) are for the case where f = 28.7 MHz. For other
frequencies, the set value is given by the following expression:
Wait time (
μs) × f (MHz) ÷ 4
Registers Used
R4 (input):
Program data storage address
R5 (input):
Programming destination address
R7 (output):
OK (normal) or NG (error)
R0 to R3, R8 to R13: Work registers
FLMCR1
.EQU
H'80
FLMCR2
.EQU
H'81
OK
.EQU
H'0
NG
.EQU
H'1
Wait10u
.EQU
72
Wait50u
.EQU
359
Wait4u
.EQU
29
Wait2u
.EQU
14
Wait200u
.EQU
1435
WDT_TCSR
.EQU
H'FFFF8610
WDT_573u
.EQU
H'A579
SWESET
.EQU
B'01000000
PSU1SET
.EQU
B'00010000
P1SET
.EQU
B'00000001
P1CLEAR
.EQU
B'11111110
PSU1CLEAR
.EQU
B'11101111
PVSET
.EQU
B'00000100
PVCLEAR
.EQU
B'11111011
SWECLEAR
.EQU
B'10111111
MAXVerify
.EQU
1000
;
FlashProgram
.EQU
$
MOV
#H'01,R2
;
R2 work register (1)
MOV.L
#PdataBuff,R0
;
Save program data to work area
MOV
R4,R12
MOV
#8,R13
COPY_LOOP
.EQU
$



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com