Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 551 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 551 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 547Page - Renesas Technology Corp SH7014 Datasheet HTML 548Page - Renesas Technology Corp SH7014 Datasheet HTML 549Page - Renesas Technology Corp SH7014 Datasheet HTML 550Page - Renesas Technology Corp SH7014 Datasheet HTML 551Page - Renesas Technology Corp SH7014 Datasheet HTML 552Page - Renesas Technology Corp SH7014 Datasheet HTML 553Page - Renesas Technology Corp SH7014 Datasheet HTML 554Page - Renesas Technology Corp SH7014 Datasheet HTML 555Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 517 of 716
REJ09B0398-0500
MOV.B
R0,@(FLMCR1,GBR)
;
Clear SWE
;
RTS
NOP
;
.ALIGN
4
PdataBuff
.RES.B
32
18.7.3
Erase Mode
When erasing flash memory, the erase/erase-verify flowchart shown in figure 18.14 should be
followed.
To perform data or program erasure, set the 1 bit flash memory area to be erased in erase block
register 1 (EBR1) at least 10
μs after setting the SWE bit to 1 in flash memory control register 1
(FLMCR1). Next, the watchdog timer is set to prevent overerasing in the event of program
runaway, etc. Set 9.2 ms as the WDT overflow period. After this, preparation for erase mode
(erase setup) is carried out by setting the ESU bit in FLMCR1, and after the elapse of 200
μs or
more, the operating mode is switched to erase mode by setting the E bit in FLMCR1. The time
during which the E bit is set is the flash memory erase time. Ensure that the erase time does not
exceed 5 ms.
Note:
With flash memory erasing, preprogramming (setting all memory data in the memory to
be erased to all “0”) is not necessary before starting the erase procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com