Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 555 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 555 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 551Page - Renesas Technology Corp SH7014 Datasheet HTML 552Page - Renesas Technology Corp SH7014 Datasheet HTML 553Page - Renesas Technology Corp SH7014 Datasheet HTML 554Page - Renesas Technology Corp SH7014 Datasheet HTML 555Page - Renesas Technology Corp SH7014 Datasheet HTML 556Page - Renesas Technology Corp SH7014 Datasheet HTML 557Page - Renesas Technology Corp SH7014 Datasheet HTML 558Page - Renesas Technology Corp SH7014 Datasheet HTML 559Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 555 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 521 of 716
REJ09B0398-0500
;
MOV.L
#Wait10u,R3
MOV.L
#FLMCR1,R0
OR.B
#SWESET,@(R0,GBR)
;
Set SWE
EWait_1 SUBC
R2,R3
;
Wait 10
μs
BF
EWait_1
;
MOV.L
#0,R9
;
Initialize n (R9) to 0
;
MOV.B
@(6,R5),R0
MOV.B
R0,@(EBR1,GBR)
;
Erase memory block (EBR1) setting
MOV.B
@(7,R5),R0
MOV.B
R0,@(EBR2,GBR)
;
Erase memory block (EBR2) setting
;
MOV.L
#FLMCR1,R0
MOV.L
@R5,R6
;
Erase memory block start address -> R6
MOV.L
#H'020000,R7
CMP/GT
R6,R7
BT
EraseLoop
MOV.L
#FLMCR2,R0
;
EraseLoop
.EQU
$
MOV.L
#WDT_TCSR,R1
;
Enable WDT
MOV.W
#WDT_9m,R3
;
9.2 ms cycle
MOV.W
R3,@R1
;
MOV.L
#Wait200u,R3
OR.B
#ESUSET,@(R0,GBR)
;
Set ESU
EWait_2 SUBC
R2,R3
;
Wait 200
μs
BF
EWait_2
;
MOV.L
#Wait5m,R3
OR.B
#ESET,@(R0,GBR)
;
Set E
EWait_3 SUBC
R2,R3
;
Wait 5 ms
BF
EWait_3
;
MOV.L
#Wait10u,R3
AND.B
#ECLEAR,@(R0,GBR)
;
Clear E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com