Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 559 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 559 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 555Page - Renesas Technology Corp SH7014 Datasheet HTML 556Page - Renesas Technology Corp SH7014 Datasheet HTML 557Page - Renesas Technology Corp SH7014 Datasheet HTML 558Page - Renesas Technology Corp SH7014 Datasheet HTML 559Page - Renesas Technology Corp SH7014 Datasheet HTML 560Page - Renesas Technology Corp SH7014 Datasheet HTML 561Page - Renesas Technology Corp SH7014 Datasheet HTML 562Page - Renesas Technology Corp SH7014 Datasheet HTML 563Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 525 of 716
REJ09B0398-0500
18.8.2
Software Protection
Software protection can be implemented by setting the SWE bit in FLMCR1, erase block register
1 (EBR1) and the RAMS bit in the RAM emulation register (RAMER). When software protection
is in effect, setting the P or E bit in flash memory control register 1 (FLMCR1) does not cause a
transition to program mode or erase mode. (See table 18.9.)
Table 18.9
Software Protection
Functions
Item
Description
Program
Erase
SWE pin protection
• Clearing the SWE bit to 0 in FLMCR1 sets
the program/erase-protected state for all
blocks.
(Execute in on-chip RAM or external
memory.)
Yes
Yes
Block specification
protection
• Erase protection can be set for individual
blocks by settings in erase block register 1
(EBR1).
• Setting EBR1 to H'00 places all blocks in the
erase-protected state.
⎯
Yes
Emulation protection
• Setting the RAMS bit to 1 in the RAM
emulation register (RAMER) places all blocks
in the program/erase-protected state.
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com