Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 560 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 560 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 556Page - Renesas Technology Corp SH7014 Datasheet HTML 557Page - Renesas Technology Corp SH7014 Datasheet HTML 558Page - Renesas Technology Corp SH7014 Datasheet HTML 559Page - Renesas Technology Corp SH7014 Datasheet HTML 560Page - Renesas Technology Corp SH7014 Datasheet HTML 561Page - Renesas Technology Corp SH7014 Datasheet HTML 562Page - Renesas Technology Corp SH7014 Datasheet HTML 563Page - Renesas Technology Corp SH7014 Datasheet HTML 564Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 526 of 716
REJ09B0398-0500
18.8.3
Error Protection
In error protection, an error is detected when SH7017 runaway occurs during flash memory
programming/erasing, or operation is not performed in accordance with the program/erase
algorithm, and the program/erase operation is aborted. Aborting the program/erase operation
prevents damage to the flash memory due to overprogramming or overerasing.
If the SH7017 malfunctions during flash memory programming/erasing, the FLER bit is set to 1 in
FLMCR2 and the error protection state is entered. The FLMCR1 and EBR1 settings are retained,
but program mode or erase mode is aborted at the point at which the error occurred. Program
mode or erase mode cannot be re-entered by re-setting the P or E bit. However, PV and EV bit
setting is enabled, and a transition can be made to verify mode.
FLER bit setting conditions are as follows:
1. When flash memory is read during programming/erasing (including a vector read or instruction
fetch)
2. Immediately after exception handling (excluding a reset) during programming/erasing
3. When a SLEEP instruction (including software standby) is executed during
programming/erasing
4. When the bus is released during programming/erasing
Error protection is released only by a power-on reset and in hardware standby mode.
Figure 18.15 shows the flash memory state transition diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com