Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 564 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 564 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 560Page - Renesas Technology Corp SH7014 Datasheet HTML 561Page - Renesas Technology Corp SH7014 Datasheet HTML 562Page - Renesas Technology Corp SH7014 Datasheet HTML 563Page - Renesas Technology Corp SH7014 Datasheet HTML 564Page - Renesas Technology Corp SH7014 Datasheet HTML 565Page - Renesas Technology Corp SH7014 Datasheet HTML 566Page - Renesas Technology Corp SH7014 Datasheet HTML 567Page - Renesas Technology Corp SH7014 Datasheet HTML 568Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 530 of 716
REJ09B0398-0500
18.10
Note on Flash Memory Programming/Erasing
In the on-board programming modes (user mode and user program mode), NMI input should be
disabled to give top priority to the program/erase operations (including RAM emulation).
18.11
Flash Memory Programmer Mode
Programs and data can be written and erased in programmer mode as well as in the on-board
programming modes. In programmer mode, flash memory read mode, auto-program mode, auto-
erase mode, and status read mode are supported. In auto-program mode, auto-erase mode, and
status read mode, a status polling procedure is used, and in status read mode, detailed internal
signals are output after execution of an auto-program or auto-erase operation.
In programmer mode, set the mode pins to PLL
×2 mode (see table 18.10) and input a 6 MHz input
clock, so that the SH7017 runs at 12 MHz.
Table 18.10 shows the pin settings for programmer mode. For the pin names in programmer mode,
see section 1.3.2, Pin Arrangement by Mode.
Table 18.10 PROM Mode Pin Settings
Pin Names
Settings
Mode pins: MD3, MD2, MD1, MD0
1101 (PLL
× 2)
FWE pin
High level input (in auto-program and auto-erase
modes)
RES pin
Power-on reset circuit
XTAL, EXTAL, PLLV
CC, PLLCAP,
PLLV
SS pins
Oscillator circuit
Note:
In programmer mode, the FWP pin has its polarity reversed and functions as the FWE
(flash write enable) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com