Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 566 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 566 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 562Page - Renesas Technology Corp SH7014 Datasheet HTML 563Page - Renesas Technology Corp SH7014 Datasheet HTML 564Page - Renesas Technology Corp SH7014 Datasheet HTML 565Page - Renesas Technology Corp SH7014 Datasheet HTML 566Page - Renesas Technology Corp SH7014 Datasheet HTML 567Page - Renesas Technology Corp SH7014 Datasheet HTML 568Page - Renesas Technology Corp SH7014 Datasheet HTML 569Page - Renesas Technology Corp SH7014 Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 532 of 716
REJ09B0398-0500
Pin No.
77
13
20
19
44
70
69
68
67
66
64
63
62
4
5
6
7
8
9
10
11
12
43
14
15
16
17
18
42
21, 37, 46, 49, 50, 65,
73, 75, 76, 79, 100, 103
3, 23, 27, 33, 39, 55, 61, 71
78, 90, 91, 92, 93, 94, 95, 96,
97, 98, 99, 101, 109
26
84
72
74
80
81
82
Other than the above
Pin No.
1
26
2
3
31
13
14
15
17
18
19
20
21
12
11
10
9
8
7
6
5
27
24
23
25
4
28
29
22
32
16
30
HN28F101P (32 Pins)
Pin Name
FWE
A9
A16
A15
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A0
A1
A2
A3
A4
A5
A6
A7
A8
OE
A10
A11
A12
A13
A14
CE
VCC
VSS
A17
Pin Name
FWE
A9
A16
A15
WE
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
A3
A4
A5
A6
A7
A8
OE
A10
A11
A12
A13
A14
CE
VSS
A17
RES
XTAL
EXTAL
PLLVCC
PLLCAP
PLLVSS
N.C.(OPEN)
HD64F7017 (112 Pins)
Socket Adapter
(Conversion to 32-Pin
Arrangement)
Power-on reset circuit
Oscillator circuit
PLL circuit
Legend:
FWE:
Flash write enable
I/O7 to I/O0: Data input/output
A17 to A0:
Address input
OE:
Output enable
CE:
Chip enable
WE:
Write enable
Note: Use address pin A17 as VSS.
VCC
Figure 18.19 Socket Adapter Pin Correspondence Table (SH7017: FP-112)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com