Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 568 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 568 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 564Page - Renesas Technology Corp SH7014 Datasheet HTML 565Page - Renesas Technology Corp SH7014 Datasheet HTML 566Page - Renesas Technology Corp SH7014 Datasheet HTML 567Page - Renesas Technology Corp SH7014 Datasheet HTML 568Page - Renesas Technology Corp SH7014 Datasheet HTML 569Page - Renesas Technology Corp SH7014 Datasheet HTML 570Page - Renesas Technology Corp SH7014 Datasheet HTML 571Page - Renesas Technology Corp SH7014 Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 534 of 716
REJ09B0398-0500
Table 18.12 Programmer Mode Commands
1st Cycle
2nd Cycle
Command Name
Number of
Cycles
Mode
Address
Data
Mode
Address
Data
Memory read mode
1 + n
Write
X
H'00
Read
RA
Dout
Auto-program mode
129
Write
X
H'40
Write
WA
Din
Auto-erase mode
2
Write
X
H'20
Write
X
H'20
Status read mode
2
Write
X
H'71
Write
X
H'71
Notes: 1. In auto-program mode. 129 cycles are required for command writing by a simultaneous
128-byte write.
2. In memory read mode, the number of cycles depends on the number of address write
cycles (n).
18.11.3
Memory Read Mode
1. After completion of auto-program/auto-erase/status read operations, a transition is made to the
command wait state. When reading memory contents, a transition to memory read mode must
first be made with a command write, after which the memory contents are read.
2. In memory read mode, command writes can be performed in the same way as in the command
wait state.
3. Once memory read mode has been entered, consecutive reads can be performed.
4. After powering on, memory read mode is entered.
Table 18.13 AC Characteristics in Transition to Memory Read Mode
Conditions:
V
CC = 5.0 V ±10%, VSS = 0 V, Ta = 25°C ±5°C
Item
Symbol
Min
Max
Unit
Notes
Command write cycle
t
nxtc
20
μs
CE hold time
t
ceh
0
ns
CE setup time
t
ces
0
ns
Data hold time
t
dh
50
ns
Data setup time
t
ds
50
ns
Write pulse width
t
wep
70
ns
WE rise time
t
r
30
ns
WE fall time
t
f
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com