Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 569 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 569 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 565Page - Renesas Technology Corp SH7014 Datasheet HTML 566Page - Renesas Technology Corp SH7014 Datasheet HTML 567Page - Renesas Technology Corp SH7014 Datasheet HTML 568Page - Renesas Technology Corp SH7014 Datasheet HTML 569Page - Renesas Technology Corp SH7014 Datasheet HTML 570Page - Renesas Technology Corp SH7014 Datasheet HTML 571Page - Renesas Technology Corp SH7014 Datasheet HTML 572Page - Renesas Technology Corp SH7014 Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 535 of 716
REJ09B0398-0500
CE
OE
CE
A16 to A0
OE
WE
I/O7 to I/O0
Note: Data is latched on the rising edge of
WE.
tceh
twep
tf
tr
tces
tnxtc
Address stable
tds
tdh
Command write
Memory read mode
Figure 18.20 Timing Waveforms for Memory Read after Memory Write
Table 18.14 AC Characteristics in Transition from Memory Read Mode to Another Mode
Conditions:
V
CC = 5.0 V ±10%, VSS = 0 V, Ta = 25°C ±5°C
Item
Symbol
Min
Max
Unit
Notes
Command write cycle
t
nxtc
20
μs
CE hold time
t
ceh
0
ns
CE setup time
t
ces
0
ns
Data hold time
t
dh
50
ns
Data setup time
t
ds
50
ns
Write pulse width
t
wep
70
ns
WE rise time
t
r
30
ns
WE fall time
t
f
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com