Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 570 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 570 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 566Page - Renesas Technology Corp SH7014 Datasheet HTML 567Page - Renesas Technology Corp SH7014 Datasheet HTML 568Page - Renesas Technology Corp SH7014 Datasheet HTML 569Page - Renesas Technology Corp SH7014 Datasheet HTML 570Page - Renesas Technology Corp SH7014 Datasheet HTML 571Page - Renesas Technology Corp SH7014 Datasheet HTML 572Page - Renesas Technology Corp SH7014 Datasheet HTML 573Page - Renesas Technology Corp SH7014 Datasheet HTML 574Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 536 of 716
REJ09B0398-0500
CE
OE
CE
A16 to A0
OE
WE
I/O7 to I/O0
Note: Do not enable
WE and OE at the same time.
tceh
twep
tf
tr
tces
tnxtc
Address stable
tds
tdh
Other mode command write
Memory read mode
Figure 18.21 Timing Waveforms in Transition from Memory Read Mode to Another Mode
Table 18.15 AC Characteristics in Memory Read Mode
Conditions:
V
CC = 5.0 V ±10%, VSS = 0 V, Ta = 25°C ±5°C
Item
Symbol
Min
Max
Unit
Notes
Access time
t
acc
20
μs
CE output delay time
t
ce
150
ns
OE output delay time
t
oe
150
ns
Output disable delay time
t
df
100
ns
Data output hold time
t
oh
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com