Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 574 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 574 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 570Page - Renesas Technology Corp SH7014 Datasheet HTML 571Page - Renesas Technology Corp SH7014 Datasheet HTML 572Page - Renesas Technology Corp SH7014 Datasheet HTML 573Page - Renesas Technology Corp SH7014 Datasheet HTML 574Page - Renesas Technology Corp SH7014 Datasheet HTML 575Page - Renesas Technology Corp SH7014 Datasheet HTML 576Page - Renesas Technology Corp SH7014 Datasheet HTML 577Page - Renesas Technology Corp SH7014 Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 540 of 716
REJ09B0398-0500
18.11.5
Auto-Erase Mode
1. Auto-erase mode supports only entire memory erasing.
2. Do not perform a command write during auto-erasing.
3. Confirm normal end of auto-erasing by checking I/O6. Alternatively, status read mode can also
be used for this purpose (I/O7 status polling uses the auto-erase operation end identification
pin).
4. Status polling I/O6 and I/O7 pin information is retained until the next command write. As long
as the next command write has not been performed, reading is possible by enabling
CE and
OE.
Table 18.17 AC Characteristics in Auto-Erase Mode
Conditions:
V
CC = 5.0 V ±10%, VSS = 0 V, Ta = 25°C ±5°C
Item
Symbol
Min
Max
Unit
Notes
Command write cycle
t
nxtc
20
μs
CE hold time
t
ceh
0
ns
CE setup time
t
ces
0
ns
Data hold time
t
dh
50
ns
Data setup time
t
ds
50
ns
Write pulse width
t
wep
70
ns
Status polling start time
t
ests
1
ms
Status polling access time
t
spa
150
ns
Memory erase time
t
erase
100
40000
ms
Erase setup time
t
ens
100
ns
Erase end setup time
t
enh
100
ns
WE rise time
t
r
30
ns
WE fall time
t
f
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com