Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 572Page - Renesas Technology Corp SH7014 Datasheet HTML 573Page - Renesas Technology Corp SH7014 Datasheet HTML 574Page - Renesas Technology Corp SH7014 Datasheet HTML 575Page - Renesas Technology Corp SH7014 Datasheet HTML 576Page - Renesas Technology Corp SH7014 Datasheet HTML 577Page - Renesas Technology Corp SH7014 Datasheet HTML 578Page - Renesas Technology Corp SH7014 Datasheet HTML 579Page - Renesas Technology Corp SH7014 Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 542 of 716
REJ09B0398-0500
18.11.6
Status Read Mode
1. Status read mode is provided to specify the kind of abnormal end. Use this mode when an
abnormal end occurs in auto-program mode or auto-erase mode.
2. The return code is retained until a command write other than a status read mode command
write is executed.
Table 18.18 AC Characteristics in Status Read Mode
Conditions:
V
CC = 5.0 V ±10%, VSS = 0 V, Ta = 25°C ±5°C
Item
Symbol
Min
Max
Unit
Notes
Read time after command write t
strd
20
μs
CE hold time
t
ceh
0
ns
CE setup time
t
ces
0
ns
Data hold time
t
dh
50
ns
Data setup time
t
ds
50
ns
Write pulse width
t
wep
70
ns
OE output delay time
t
oe
150
ns
Disable delay time
t
df
100
ns
CE output delay time
t
ce
150
ns
WE rise time
t
r
30
ns
WE fall time
t
f
30
ns
CE
A16 to A0
OE
WE
I/O7 to I/O0
twep
tf
tr
toe
tdf
tds
tds
tdh
tdh
tces
tceh
tce
tceh
tnxtc
tnxtc
tnxtc
tces
H'71
twep
tf
tr
H'71
Note: I/O2 and I/O3 are undefined.
Figure 18.26 Status Read Mode Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com