Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 562 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 562 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 558Page - Renesas Technology Corp SH7014 Datasheet HTML 559Page - Renesas Technology Corp SH7014 Datasheet HTML 560Page - Renesas Technology Corp SH7014 Datasheet HTML 561Page - Renesas Technology Corp SH7014 Datasheet HTML 562Page - Renesas Technology Corp SH7014 Datasheet HTML 563Page - Renesas Technology Corp SH7014 Datasheet HTML 564Page - Renesas Technology Corp SH7014 Datasheet HTML 565Page - Renesas Technology Corp SH7014 Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 528 of 716
REJ09B0398-0500
18.9
Flash Memory Emulation in RAM
Making a setting in the RAM emulation register (RAMER) enables part of RAM to be overlapped
onto the flash memory area so that data to be written to flash memory can be emulated in RAM in
real time. After the RAMER setting has been made, accesses cannot be made from the flash
memory area or the RAM area overlapping flash memory. Emulation can be performed in user
mode and user program mode. Figure 18.16 shows an example of emulation of real-time flash
memory programming.
Start emulation program
End of emulation program
Tuning OK?
Yes
No
Set RAMER
Write tuning data to overlap
RAM
Execute application program
Clear RAMER
Write to flash memory emulation
block
Figure 18.16 Flowchart for Flash Memory Emulation in RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com