Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 558 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 558 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 554Page - Renesas Technology Corp SH7014 Datasheet HTML 555Page - Renesas Technology Corp SH7014 Datasheet HTML 556Page - Renesas Technology Corp SH7014 Datasheet HTML 557Page - Renesas Technology Corp SH7014 Datasheet HTML 558Page - Renesas Technology Corp SH7014 Datasheet HTML 559Page - Renesas Technology Corp SH7014 Datasheet HTML 560Page - Renesas Technology Corp SH7014 Datasheet HTML 561Page - Renesas Technology Corp SH7014 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 524 of 716
REJ09B0398-0500
18.8
Protection
There are two kinds of flash memory program/erase protection, hardware protection and software
protection.
18.8.1
Hardware Protection
Hardware protection refers to a state in which programming/erasing of flash memory is forcibly
disabled or aborted. Hardware protection is reset by settings in flash memory control register 1
(FLMCR1) and erase block register 1 (EBR1). The FLMCR1 and EBR1 settings are retained in
the error-protected state. (See table 18.8.)
Table 18.8
Hardware Protection
Functions
Item
Description
Program
Erase
FWP pin protection
• When a low level is input to the FWP pin,
FLMCR1 and EBR1 are initialized, and the
program/erase-protected state is entered.
Yes
Yes
Reset/standby
protection
• In a reset (including a WDT overflow reset)
and in standby mode, FLMCR1 and EBR1
are initialized, and the program/erase-
protected state is entered.
• In a power-on reset via the
RES pin, the
reset state is not entered unless the
RES pin
is held low until oscillation stabilizes after
powering on. In the case of a reset during
operation, hold the
RES pin low for the RES
pulse width specified in the AC
Characteristics section.
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com