Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 548Page - Renesas Technology Corp SH7014 Datasheet HTML 549Page - Renesas Technology Corp SH7014 Datasheet HTML 550Page - Renesas Technology Corp SH7014 Datasheet HTML 551Page - Renesas Technology Corp SH7014 Datasheet HTML 552Page - Renesas Technology Corp SH7014 Datasheet HTML 553Page - Renesas Technology Corp SH7014 Datasheet HTML 554Page - Renesas Technology Corp SH7014 Datasheet HTML 555Page - Renesas Technology Corp SH7014 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 518 of 716
REJ09B0398-0500
18.7.4
Erase-Verify Mode
In erase-verify mode, data is read after memory has been erased to check whether it has been
correctly erased.
After the elapse of the erase time, erase mode is exited (the E bit in FLMCR1 is cleared, then the
ESU bit is cleared at least 10
μs later), the watchdog timer is cleared after the elapse of 10 μs or
more, and the operating mode is switched to erase-verify mode by setting the EV bit in FLMCR1.
Before reading in erase-verify mode, a dummy write of H'FF data should be made to the addresses
to be read. The dummy write should be executed after the elapse of 20
μs or more. When the flash
memory is read in this state (verify data is read in 32-bit units), the data at the latched address is
read. Wait at least 2
μs after the dummy write before performing this read operation. If the read
data has been erased (all “1”), a dummy write is performed to the next address, and erase-verify is
performed. If the read data has not been erased, set erase mode again, and repeat the erase/erase-
verify sequence in the same way. However, ensure that the erase/erase-verify sequence is not
repeated more than 60 times. When verification is completed, exit erase-verify mode, and wait for
at least 5
μs. If erasure has been completed on all the erase blocks, clear the SWE bit in FLMCR1.
If there are any unerased blocks, set 1 bit for the flash memory area to be erased, and repeat the
erase/erase-verify sequence in the same way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com