Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 553 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 553 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 549Page - Renesas Technology Corp SH7014 Datasheet HTML 550Page - Renesas Technology Corp SH7014 Datasheet HTML 551Page - Renesas Technology Corp SH7014 Datasheet HTML 552Page - Renesas Technology Corp SH7014 Datasheet HTML 553Page - Renesas Technology Corp SH7014 Datasheet HTML 554Page - Renesas Technology Corp SH7014 Datasheet HTML 555Page - Renesas Technology Corp SH7014 Datasheet HTML 556Page - Renesas Technology Corp SH7014 Datasheet HTML 557Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 754 page
background image
18. 128 kB Flash Memory (F-ZTAT)
Rev.5.00 Sep. 27, 2007 Page 519 of 716
REJ09B0398-0500
Erase complete
Start
Set SWE bit in FLMCR1
Set ESU-bit of FLMCR1
Set E-bit of FLMCR1
Wait 10
μs
Wait 200
μs
n = 1
Set EBR1
WDT Enable
*3
Wait 5 ms
Wait 10
μs
Wait 10
μs
Wait 20
μs
Set top block address to verify address
Wait 2
μs
Wait 5
μs
*2
*4
Erase start
Clear E-bit of FLMCR1
Clear ESU-bit of FLMCR1
Set EV-bit of FLMCR1
Dummy write H'FF to verify address
Read verify data
Clear EV-bit of FLMCR1
Wait 5
μs
Clear EV-bit of FLMCR1
Clear SWE-bit in FLMCR1
WDT Disable
Erase stop
*1
Verify data = all "1"?
Last block address?
All
objective blocks
erased?
Erase error
Clear SWE-bit of FLMCR1
n
> 60
NG
NG
NG
NG
OK
OK
OK
OK
n
← n + 1
Address
increment
Notes: 1. Preprogramming (setting erase block data to all "0") is not necessary.
2. Verify data is read in 32-bit (longword) units.
3. Set only one bit in EBR1. More than one bit cannot be set.
4. Erasing is performed in block units. To erase a number of blocks, each block must be erased in turn.
Figure 18.14 Erase/Erase-Verify Flowchart (Single-Block Erase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com