Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 601 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 601 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 597Page - Renesas Technology Corp SH7014 Datasheet HTML 598Page - Renesas Technology Corp SH7014 Datasheet HTML 599Page - Renesas Technology Corp SH7014 Datasheet HTML 600Page - Renesas Technology Corp SH7014 Datasheet HTML 601Page - Renesas Technology Corp SH7014 Datasheet HTML 602Page - Renesas Technology Corp SH7014 Datasheet HTML 603Page - Renesas Technology Corp SH7014 Datasheet HTML 604Page - Renesas Technology Corp SH7014 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 567 of 716
REJ09B0398-0500
Notes: n is the number of waits. m is 0 when the number of DRAM write cycle waits is 0, and 1
otherwise. RCD is the set value of the RCD bit in DCR.
1. If the access time is satisfied, t
RDS need not be satisfied.
2. t
WDH (max) is a reference value.
3. The delay time Min values are reference values (typ).
4. t
RDS is a reference value.
5. At 28.7 MHz, t
ASR = 0 ns (min)
Table 22.7
Bus Timing
Conditions:
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, AVCC = VCC ±10%, VSS = AVSS = 0 V,
Ta =
−20 to +75°C
Item
Symbol
Min
Max
Unit Figure
Write address setup time
t
AS
0
⎯
ns
22.6 to 22.7
Write address hold time
t
WR
5
⎯
ns
Write data hold time
t
WRH
0
⎯
ns
Read/write strobe delay time 1 t
RWD1
2*
18
ns
22.9 to 22.14
Read/write strobe delay time 2 t
RWD2
2*
18
ns
High-speed page mode
CAS
precharge time
t
CP
t
cyc −25
⎯
ns
22.14
RAS precharge time
t
RP
t
cyc × (TPC + 1.5) − 15
⎯
ns
22.9 to 22.14
CAS setup time
t
CSR
10
⎯
ns
22.15, 22.16
AH delay time 1
t
AHD1
2*
18
ns
22.17
AH delay time 2
t
AHD2
2*
18
ns
Multiplex address delay time
t
MAD
2*
18
ns
Multiplex address hold time
t
MAH
0
⎯
ns
DACK delay time
t
DACKD1
2*
21
ns
22.6, 22.7, 22.9 to
22.14, 22.17
Notes: TPC is the set value of the TPC bit in DCR.
*
The delay time Min values are reference values (typ).)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com