Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 600 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 600 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 596Page - Renesas Technology Corp SH7014 Datasheet HTML 597Page - Renesas Technology Corp SH7014 Datasheet HTML 598Page - Renesas Technology Corp SH7014 Datasheet HTML 599Page - Renesas Technology Corp SH7014 Datasheet HTML 600Page - Renesas Technology Corp SH7014 Datasheet HTML 601Page - Renesas Technology Corp SH7014 Datasheet HTML 602Page - Renesas Technology Corp SH7014 Datasheet HTML 603Page - Renesas Technology Corp SH7014 Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 566 of 716
REJ09B0398-0500
22.3.3
Bus Timing
Table 22.6
Bus Timing
Conditions:
V
CC = 5.0 V ±10%, AVCC = VCC ±10%, AVCC = 5.0 V ±10%, VSS = AVSS = 0 V,
Ta =
−20 to +75°C
Item
Symbol Min
Max Unit Figure
Address delay time
t
AD
2*
3
18
ns
22.6, 22.7,
22.9 to 22.14,
22.17
CS delay time 1
t
CSD1
2*
3
21
ns
22.6, 22.7, 22.17
CS delay time 2
t
CSD2
2*
3
21
ns
Read strobe delay time 1
t
RSD1
2*
3
18
ns
Read strobe delay time 2
t
RSD2
2*
3
18
ns
Read data setup time
t
RDS*
4
15
⎯
ns
22.6, 22.7,
22.9 to 22.14,
22.17
Read data hold time
t
RDH
0
⎯
ns
Write strobe delay time 1
t
WSD1
2*
3
18
ns
Write strobe delay time 2
t
WSD2
2*
3
18
ns
Write data delay time
t
WDD
⎯
35
ns
Write data hold time
t
WDH
0
10*
2
ns
WAIT setup time
t
WTS
15
⎯
ns
WAIT hold time
t
WTH
0
⎯
ns
22.8, 22.13,
22.17
RAS delay time 1
t
RASD1
2*
3
18
ns
22.9 to 22.16
RAS delay time 2
t
RASD2
2*
3
18
ns
CAS delay time 1
t
CASD1
2*
3
18
ns
CAS delay time 2
t
CASD2
2*
3
18
ns
Read data access time
t
ACC*
1
t
cyc × (n + 2) − 40
⎯
ns
22.6, 22.7
Access time from read strobe
t
OE*
1
t
cyc × (n + 1.5) − 40
⎯
ns
Access time from column
address
t
AA*
1
t
cyc × (n + 2) − 40
⎯
ns
22.9 to 22.14
Access time from
RAS
t
RAC*
1
t
cyc × (n + RCD + 2.5) − 40
⎯
ns
Access time from
CAS
t
CAC*
1
t
cyc × (n + 1) − 40
⎯
ns
Row address hold time
t
RAH
t
cyc × (RCD + 0.5) − 15
⎯
ns
Row address setup time
t
ASR*
5
t
cyc × 0.5 − 17.5
⎯
ns
Data input setup time
t
DS
t
cyc × (m + 0.5) − 25
⎯
ns
Data input hold time
t
DH
20
⎯
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com