Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 596 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 596 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 592Page - Renesas Technology Corp SH7014 Datasheet HTML 593Page - Renesas Technology Corp SH7014 Datasheet HTML 594Page - Renesas Technology Corp SH7014 Datasheet HTML 595Page - Renesas Technology Corp SH7014 Datasheet HTML 596Page - Renesas Technology Corp SH7014 Datasheet HTML 597Page - Renesas Technology Corp SH7014 Datasheet HTML 598Page - Renesas Technology Corp SH7014 Datasheet HTML 599Page - Renesas Technology Corp SH7014 Datasheet HTML 600Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 562 of 716
REJ09B0398-0500
Table 22.3
Permitted Output Current Values
Conditions:
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, AVCC = VCC ±10%, VSS = AVSS = 0 V,
Ta =
−20 to +75° C
Item
Symbol
Min
Typ
Max
Unit
Output low-level permissible current (per pin)
I
OL
⎯
⎯
2.0
mA
Output low-level permissible current (total)
∑ I
OL
⎯
⎯
80
mA
Output high-level permissible current (per pin)
−I
OH
⎯
⎯
2.0
mA
Output high-level permissible current (total)
∑ (−I
OH)
⎯
⎯
25
mA
Note:
To assure LSI reliability, do not exceed the output values listed in this table.
22.3
AC Characteristics
22.3.1
Clock Timing
Table 22.4
Clock Timing
Conditions:
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, AVCC = VCC ±10%, VSS = AVSS = 0 V,
Ta =
−20 to +75° C
Item
Symbol
Min
Max
Unit
Figures
Operating frequency
f
OP
4
28.7
MHz
22.1
Clock cycle time
t
cyc
34.8
250
ns
Clock low-level pulse width
t
CL
10
⎯
ns
Clock high-level pulse width
t
CH
10
⎯
ns
Clock rise time
t
CR
⎯
5
ns
Clock fall time
t
CF
⎯
5
ns
EXTAL clock input frequency
f
EX
4
10
MHz
22.2
EXTAL clock input cycle time
t
EXcyc
100
250
ns
EXTAL clock low-level input pulse width
t
EXL
40
⎯
ns
EXTAL clock high-level input pulse width
t
EXH
40
⎯
ns
EXTAL clock input rise time
t
EXR
⎯
5
ns
EXTAL clock input fall time
t
EXF
⎯
5
ns
Reset oscillation settling time
t
OSC1
10
⎯
ms
22.3
Standby return clock settling time
t
OSC2
10
⎯
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com