Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 594 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 594 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 590Page - Renesas Technology Corp SH7014 Datasheet HTML 591Page - Renesas Technology Corp SH7014 Datasheet HTML 592Page - Renesas Technology Corp SH7014 Datasheet HTML 593Page - Renesas Technology Corp SH7014 Datasheet HTML 594Page - Renesas Technology Corp SH7014 Datasheet HTML 595Page - Renesas Technology Corp SH7014 Datasheet HTML 596Page - Renesas Technology Corp SH7014 Datasheet HTML 597Page - Renesas Technology Corp SH7014 Datasheet HTML 598Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 594 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 560 of 716
REJ09B0398-0500
22.2
DC Characteristics
Table 22.2
DC Characteristics
Conditions:
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, AVCC = VCC ±10%, VSS = AVSS = 0 V,
Ta =
−20 to +75° C
Item
Pin
Symbol Min
Typ
Max
Unit
Measurement
Conditions
Input high-
level voltage
RES, NMI, MD3
to MD0, FWP,
PA2, PA5, PA6
to PA9, PE0 to
PE15
VIH
V
CC −0.7
⎯
V
CC +0.3
V
⎯
EXTAL
V
CC × 0.7
⎯
V
CC +0.3
V
⎯
A/D port
2.2
⎯
AV
CC +0.3
V
⎯
Other input pins
2.2
⎯
V
CC +0.3
V
⎯
Input low-
level voltage
RES, NMI,
MD3 to MD0,
PA2, PA5,
PA6 to PA9,
PE0 to PE15
VIL
−0.3
⎯
0.5
V
⎯
Other input pins
−0.3
⎯
0.8
V
⎯
PA2, PA5,
PA6 to PA9
VT
+
− VT−0.4
⎯
⎯
V
VT
+
≥ V
CC −0.7 (max)
Schmitt
trigger
input voltage
PE0 to PE15
VT
− ≤ 0.5 (min)
Input
leakage
current
RES, NMI,
MD3 to MD0,
PA2, PA5,
PA6 to PA9,
PE0 to PE15
| Iin |
⎯
⎯
1.0
μA
Vin = 0.5 to V
CC −0.5 V
A/D port
⎯
⎯
1.0
μA
Vin = 0.5 to AV
CC −0.5 V
Other input pins
⎯
⎯
1.0
μA
Vin = 0.5 to V
CC −0.5 V
Three-state
leak current
(while off)
A21 to A0, D15
to D0,
CS3 to
CS0, RDWR,
RAS, CASx,
WRx, RD,
ports A, B, E
| ITSI |
⎯
⎯
1.0
μA
Vin = 0.5 to V
CC −0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com