Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 595 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 595 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 591Page - Renesas Technology Corp SH7014 Datasheet HTML 592Page - Renesas Technology Corp SH7014 Datasheet HTML 593Page - Renesas Technology Corp SH7014 Datasheet HTML 594Page - Renesas Technology Corp SH7014 Datasheet HTML 595Page - Renesas Technology Corp SH7014 Datasheet HTML 596Page - Renesas Technology Corp SH7014 Datasheet HTML 597Page - Renesas Technology Corp SH7014 Datasheet HTML 598Page - Renesas Technology Corp SH7014 Datasheet HTML 599Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 561 of 716
REJ09B0398-0500
Item
Pin
Symbol Min
Typ
Max
Unit
Measurement
Conditions
All output pins
V
OH
V
CC −0.5
⎯
⎯
V
I
OH = −200 μA
Output high-
level voltage
3.5
⎯
⎯
V
I
OH = −1 mA
Output low-
level voltage
All output pins
V
OL
⎯
⎯
0.4
V
I
OL = 1.6 mA
RES
Cin
⎯
⎯
80
pF
NMI
⎯
⎯
50
pF
Vin = 0 V, f = 1 MHz,
Ta = 25°C
Input
capacitance
All other input
pins
⎯
⎯
20
pF
Ordinary
operation
I
CC
⎯
130
180
mA
f = 28 MHz
Sleep
⎯
100
150
mA
f = 28 MHz
Current
consumption
(SH7014)
Standby
⎯
0.01
5
μA
Ta
≤ 50°C
⎯
⎯
20
μA
Ta
> 50°C
Ordinary
operation
I
CC
⎯
140
180
mA
f = 28 MHz
Sleep
⎯
110
150
mA
f = 28 MHz
Current
consumption
(SH7016,
SH7017)
Standby
⎯
0.01
5
μA
Ta
≤ 50°C
⎯
⎯
20
μA
Ta > 50°C
Analog supply
current
(SH7014)
AI
CC
⎯
13
22
mA
Analog supply
current
(SH7016,
SH7017)
AI
CC
⎯
5
10
mA
RAM standby
voltage
V
RAM
2.0
⎯
⎯
V
Notes: 1. When the A/D converter is not used (including during standby), do not release the AV
CC
and AV
SS pins. Connect the AVCC pin to VCC and the AVSS pin to VSS.
2. The current consumption is measured when V
IHmin = VCC −0.5 V, VIL max = 0.5 V, with
all output pins unloaded.
3. The F-ZTAT and mask versions have the same functions, and the electrical
characteristics of both are within specification, but characteristic-related performance
values, operating margins, noise margins, noise emission, etc., are different. Caution is
therefore required in carrying out system design, and when switching between F-ZTAT
and mask versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com