Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 598 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 598 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 594Page - Renesas Technology Corp SH7014 Datasheet HTML 595Page - Renesas Technology Corp SH7014 Datasheet HTML 596Page - Renesas Technology Corp SH7014 Datasheet HTML 597Page - Renesas Technology Corp SH7014 Datasheet HTML 598Page - Renesas Technology Corp SH7014 Datasheet HTML 599Page - Renesas Technology Corp SH7014 Datasheet HTML 600Page - Renesas Technology Corp SH7014 Datasheet HTML 601Page - Renesas Technology Corp SH7014 Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 754 page
background image
22. Electrical Characteristics (5 V 28.7 MHz)
Rev.5.00 Sep. 27, 2007 Page 564 of 716
REJ09B0398-0500
22.3.2
Control Signal Timing
Table 22.5
Control Signal Timing
Conditions:
V
CC = 5.0 V ±10%, AVCC = 5.0 V ±10%, AVCC = VCC ±10%, VSS = AVSS = 0 V,
Ta =
−20 to +75° C
Item
Symbol
Min
Max
Unit
Figure
RES rise/fall
t
RESr, tRESf
⎯
200
ns
22.4
RES pulse width
t
RESW
20
⎯
t
cyc
NMI rise/fall
t
NMIr, tNMIf
⎯
200
ns
RES setup time*
t
RESS
35
⎯
ns
NMI setup time*
t
NMIS
35
⎯
ns
IRQ7, IRQ6, IRQ3 to IRQ0 setup time
(edge detection)*
t
IRQES
35
⎯
ns
22.4,
22.5
IRQ7, IRQ6, IRQ3 to IRQ0 setup time
(level detection)*
t
IRQLS
35
⎯
ns
NMI hold time
t
NMIH
35
⎯
ns
22.5
IRQ7, IRQ6, IRQ3 to IRQ0 hold time
t
IRQEH
35
⎯
ns
Note:
*
The
RES, NMI, IRQ7, IRQ6, and IRQ3 to IRQ0 signals are asynchronous inputs, but
when the setup times shown here are provided, the signals are considered to have
produced changes at clock rise (for
RES) or clock fall (for NMI, IRQ7, IRQ6, and IRQ3
to
IRQ0). If the setup times are not provided, recognition is delayed until the next clock
rise or fall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com