Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 590 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 590 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 586Page - Renesas Technology Corp SH7014 Datasheet HTML 587Page - Renesas Technology Corp SH7014 Datasheet HTML 588Page - Renesas Technology Corp SH7014 Datasheet HTML 589Page - Renesas Technology Corp SH7014 Datasheet HTML 590Page - Renesas Technology Corp SH7014 Datasheet HTML 591Page - Renesas Technology Corp SH7014 Datasheet HTML 592Page - Renesas Technology Corp SH7014 Datasheet HTML 593Page - Renesas Technology Corp SH7014 Datasheet HTML 594Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 754 page
background image
21. Power-Down State
Rev.5.00 Sep. 27, 2007 Page 556 of 716
REJ09B0398-0500
Module
Registers Initialized
Registers that
Retain Data
Registers with
Undefined Contents
I/O port (I/O)
⎯
All registers
⎯
Power-down state
related
⎯
Standby control
register (SBYCR)
⎯
21.4.2
Canceling the Standby Mode
The standby mode is canceled by an NMI interrupt or a power-on reset.
Cancellation by an NMI: Clock oscillation starts when a rising edge or falling edge (selected by
the NMI edge select bit (NMIE) of the interrupt control register (ICR) of the INTC) is detected in
the NMI signal. This clock is supplied only to the watchdog timer (WDT). A WDT overflow
occurs if the time established by the clock select bits (CKS2 to CKS0) in the TCSR of the WDT
elapses before transition to the standby mode. The occurrence of this overflow is used to indicate
that the clock has stabilized, so the clock is supplied to the entire chip, the standby mode is
canceled, and NMI exception processing begins.
When canceling standby mode with NMI interrupts, set the CKS2 to CKS0 bits so that the WDT
overflow period is longer than the oscillation stabilization time.
When canceling standby mode with an NMI pin set for falling edge, be sure that the NMI pin level
upon entering standby (when the clock is halted) is high level, and that the NMI pin level upon
returning from standby (when the clock starts after oscillation stabilization) is low level. When
canceling standby mode with an NMI pin set for rising edge, be sure that the NMI pin level upon
entering standby (when the clock is halted) is low level, and that the NMI pin level upon returning
from standby (when the clock starts after oscillation stabilization) is high level.
Cancellation by a Power-On Reset: A power-on reset caused by setting the
RES pin to low level
cancels the standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com