Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 587 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 587 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 583Page - Renesas Technology Corp SH7014 Datasheet HTML 584Page - Renesas Technology Corp SH7014 Datasheet HTML 585Page - Renesas Technology Corp SH7014 Datasheet HTML 586Page - Renesas Technology Corp SH7014 Datasheet HTML 587Page - Renesas Technology Corp SH7014 Datasheet HTML 588Page - Renesas Technology Corp SH7014 Datasheet HTML 589Page - Renesas Technology Corp SH7014 Datasheet HTML 590Page - Renesas Technology Corp SH7014 Datasheet HTML 591Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 754 page
background image
21. Power-Down State
Rev.5.00 Sep. 27, 2007 Page 553 of 716
REJ09B0398-0500
21.2
Standby Control Register (SBYCR)
The standby control register (SBYCR) is a read/write 8-bit register that sets the transition to
standby mode, and the port status in standby mode. The SBYCR is initialized to H'1F when reset.
Bit:
7
6
5
4
3
2
1
0
SBY
HIZ
⎯
⎯
⎯
⎯
⎯
⎯
Initial value:
0
0
0
1
1
1
1
1
R/W:
R/W
R/W
R
R
R
R
R
R
Bit 7
⎯Standby (SBY): Specifies transition to the standby mode. The SBY bit cannot be set to 1
while the watchdog timer is running (when the timer enable bit (TME) of the WDT timer
control/status register (TCSR) is set to 1). To enter the standby mode, always halt the WDT by 0
clearing the TME bit, then set the SBY bit.
Bit 7
SBY
Description
0
Executing SLEEP instruction puts the LSI into sleep mode
(initial value)
1
Executing SLEEP instruction puts the LSI into standby mode
Bit 6
⎯Port High Impedance (HIZ): In the standby mode, this bit selects whether to set the I/O
port pin to high impedance or hold the pin status. The HIZ bit cannot be set to 1 when the TME bit
of the WDT timer control/status register (TCSR) is set to 1. When making the I/O port pin status
high impedance, always clear the TME bit to 0 before setting the HIZ bit.
Bit 6
HIZ
Description
0
Holds pin status while in standby mode
(initial value)
1
Keeps pin at high impedance while in standby mode
Bits 5 to 0
⎯Reserved: Bit 5 always reads as 0. Always write 0 to bit 5. Bits 4 to 0 always read as
1. Always write 1 to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com