Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 588 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 588 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 584Page - Renesas Technology Corp SH7014 Datasheet HTML 585Page - Renesas Technology Corp SH7014 Datasheet HTML 586Page - Renesas Technology Corp SH7014 Datasheet HTML 587Page - Renesas Technology Corp SH7014 Datasheet HTML 588Page - Renesas Technology Corp SH7014 Datasheet HTML 589Page - Renesas Technology Corp SH7014 Datasheet HTML 590Page - Renesas Technology Corp SH7014 Datasheet HTML 591Page - Renesas Technology Corp SH7014 Datasheet HTML 592Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 754 page
background image
21. Power-Down State
Rev.5.00 Sep. 27, 2007 Page 554 of 716
REJ09B0398-0500
21.3
Sleep Mode
21.3.1
Transition to Sleep Mode
Executing the SLEEP instruction when the SBY bit of SBYCR is 0 causes a transition from the
program execution state to the sleep mode. Although the CPU halts immediately after executing
the SLEEP instruction, the contents of its internal registers remain unchanged. The on-chip
peripheral modules continue to run during the sleep mode.
21.3.2
Canceling Sleep Mode
Sleep mode is canceled by an interrupt, DMAC address error, or power-on reset.
Cancellation by an Interrupt: When an interrupt occurs, the sleep mode is canceled and interrupt
exception processing is executed. The sleep mode is not canceled if the interrupt cannot be
accepted because its priority level is equal to or less than the mask level set in the CPU's status
register (SR) or if an interrupt by an on-chip peripheral module is disabled at the peripheral
module.
Cancellation by a DMAC Address Error: If a DMAC address error occurs, the sleep mode is
canceled and DMAC address error exception processing is executed.
Cancellation by a Power-On Reset: A power-on reset resulting from setting the
RES pin to low
level cancels the sleep mode.
21.4
Standby Mode
21.4.1
Transition to Standby Mode
To enter the standby mode, set the SBY bit to 1 in SBYCR, then execute the SLEEP instruction.
The LSI moves from the program execution state to the standby mode. In the standby mode,
power consumption is greatly reduced by halting not only the CPU, but the clock and on-chip
peripheral modules as well. CPU register contents and on-chip RAM data are held as long as the
prescribed voltages are applied. The register contents of some on-chip peripheral modules are
initialized, but some are not (table 21.3). The I/O port status can be selected as held or high
impedance by the port high impedance bit (HIZ) of the SBYCR. For pin status other than for the
I/O port, refer to Appendix B, Pin Status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com