Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 586 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 586 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 582Page - Renesas Technology Corp SH7014 Datasheet HTML 583Page - Renesas Technology Corp SH7014 Datasheet HTML 584Page - Renesas Technology Corp SH7014 Datasheet HTML 585Page - Renesas Technology Corp SH7014 Datasheet HTML 586Page - Renesas Technology Corp SH7014 Datasheet HTML 587Page - Renesas Technology Corp SH7014 Datasheet HTML 588Page - Renesas Technology Corp SH7014 Datasheet HTML 589Page - Renesas Technology Corp SH7014 Datasheet HTML 590Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 754 page
background image
21. Power-Down State
Rev.5.00 Sep. 27, 2007 Page 552 of 716
REJ09B0398-0500
Table 21.1
Power-Down State Conditions
State
Mode
Entering
Procedure
Clock CPU
On-Chip
Peripheral
Modules
CPU
Registers RAM
I/O
Ports
Canceling
Procedure
Sleep
Execute SLEEP
instruction with
SBY bit set to 0
in SBYCR
Run
Halt
Run
Held
Held
Held
• Interrupt
• DMAC
address error
• Power-on
reset
Stand-
by
Execute SLEEP
instruction with
SBY bit set to 1
in SBYCR
Halt
Halt
Halt*
1
Held
Held
Held or
high
impe-
dance*
2
• NMI interrupt
• Power-on
reset
Legend:
SBYCR: standby control register
SBY:
standby bit
Notes: 1. Some bits within on-chip peripheral module registers are initialized by the standby
mode; some are not. Refer to table 21.3, Register States in the Standby Mode, in
section 21.4.1, Transition to Standby Mode. Also refer to the register descriptions for
each peripheral module.
2. The status of the I/O port in standby mode is set by the port high impedance bit (HIZ) of
the SBYCR. Refer to section 21.2, Standby Control Register. For pin status other than
for the I/O port, refer to Appendix C, Pin Status.
21.1.2
Related Register
Table 21.2 shows the register used for power-down state control.
Table 21.2
Related Register
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Standby control register
SBYCR
R/W
H'1F
H'FFFF8614
8, 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com