Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 582 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 582 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 578Page - Renesas Technology Corp SH7014 Datasheet HTML 579Page - Renesas Technology Corp SH7014 Datasheet HTML 580Page - Renesas Technology Corp SH7014 Datasheet HTML 581Page - Renesas Technology Corp SH7014 Datasheet HTML 582Page - Renesas Technology Corp SH7014 Datasheet HTML 583Page - Renesas Technology Corp SH7014 Datasheet HTML 584Page - Renesas Technology Corp SH7014 Datasheet HTML 585Page - Renesas Technology Corp SH7014 Datasheet HTML 586Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 754 page
background image
19. Mask ROM
Rev.5.00 Sep. 27, 2007 Page 548 of 716
REJ09B0398-0500
Internal data bus (32-bit)
H'00000000
H'00000004
H'00000001
H'00000005
H'00000002
H'00000006
H'00000003
H'00000007
H'0001FFFC
H'0001FFFD
H'0001FFFE
H'0001FFFF
On-chip ROM
Figure 19.2 Mask ROM Block Diagram (128 kbyte version)
The operating mode determines whether the on-chip ROM is valid or not. The operating mode is
selected using mode-setting pins MD3 to MD0 as shown in table 19.1. If you are using the on-chip
ROM, select mode 2 or mode 3; if you are not, select mode 0 or 1. The on-chip ROM is allocated
to addresses H'00000000 to H'0000FFFF of memory area 0 for the 64 kbyte version and
H'00000000 to H'0001FFFF of memory area 0 for the 128 kbyte version.
Table 19.1
Operation Modes and ROM
Mode Setting Pin
Operation Mode
MD3 MD2 MD1 MD0 Area 0
Mode 0 (MCU mode 0)
*
*
0
0
On-chip ROM invalid, external 8-bit space
Mode 1 (MCU mode 1)
*
*
0
1
On-chip ROM invalid, external 16-bit space
Mode 2 (MCU mode 2)
*
*
1
0
On-chip ROM valid, external space
(bus width set with bus state controller)
Mode 3 (MCU mode 3)
*
*
1
1
On-chip ROM valid, single-chip mode
Legend:
0: Low
1: High
Note:
*
Refer to section 3, Operating Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com