Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 583 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 583 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 579Page - Renesas Technology Corp SH7014 Datasheet HTML 580Page - Renesas Technology Corp SH7014 Datasheet HTML 581Page - Renesas Technology Corp SH7014 Datasheet HTML 582Page - Renesas Technology Corp SH7014 Datasheet HTML 583Page - Renesas Technology Corp SH7014 Datasheet HTML 584Page - Renesas Technology Corp SH7014 Datasheet HTML 585Page - Renesas Technology Corp SH7014 Datasheet HTML 586Page - Renesas Technology Corp SH7014 Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 754 page
background image
20. RAM
Rev.5.00 Sep. 27, 2007 Page 549 of 716
REJ09B0398-0500
Section 20 RAM
20.1
Overview
The SH7014 and SH7016 have 3 kbytes of on-chip RAM, and the SH7017 has 4 kbytes. The on-
chip RAM is linked to the CPU and direct memory access controller (DMAC) with a 32-bit data
bus (figure 20.1). The CPU can access data in the on-chip RAM in 8, 16, or 32 bit widths. The
DMAC can access 8 or 16 bit widths. On-chip RAM data can always be accessed in one state,
making the RAM ideal for use as a program area, stack area, or data area, which require high-
speed access. The contents of the on-chip RAM are held in both the sleep and standby modes.
Memory area 0 addresses H'FFFFF000 to H'FFFFFBFF (SH7014, SH7016) or H'FFFFF000 to
H'FFFFFFFF (SH7017) are allocated to the on-chip RAM.
The on-chip RAM is also used as cache memory. When the cache is used, 1 kbyte of on-chip
RAM is available in the SH7014 and SH7016, and 2 kbytes in the SH7017. See section 7, Cache
Memory, for details.
H'FFFFF000
H'FFFFF004
H'FFFFF001
H'FFFFF005
H'FFFFF002
H'FFFFF006
H'FFFFF003
H'FFFFF007
H'FFFFFBFC
H'FFFFFBFD
H'FFFFFBFE
H'FFFFFBFF
On-chip RAM
H'FFFFFFFC
H'FFFFFFFD
H'FFFFFFFE
H'FFFFFFFF
Internal data bus (32-bit)
Note: Operation is not guaranteed if addresses H'FFFFFC00 to H'FFFFFFFF
are accessed in the SH7014 or SH7016.
Figure 20.1 Block Diagram of RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com