Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 658 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 658 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 654Page - Renesas Technology Corp SH7014 Datasheet HTML 655Page - Renesas Technology Corp SH7014 Datasheet HTML 656Page - Renesas Technology Corp SH7014 Datasheet HTML 657Page - Renesas Technology Corp SH7014 Datasheet HTML 658Page - Renesas Technology Corp SH7014 Datasheet HTML 659Page - Renesas Technology Corp SH7014 Datasheet HTML 660Page - Renesas Technology Corp SH7014 Datasheet HTML 661Page - Renesas Technology Corp SH7014 Datasheet HTML 662Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 658 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 624 of 716
REJ09B0398-0500
MTU
Timer I/O Control Register 0L (TIOR0L)
H'FFFF8263
8/16/32
Bit
Item
7
6
5
4
3
2
1
0
Bit name
IOD3
IOD2
IOD1
IOD0
IOC3
IOC2
IOC1
IOC0
Initial value
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Value
Description
0
Output disabled
(initial value)
0
1
Output 0 on compare-match
0
Output 1 on compare-match
0
1
1
Initial output is 0
Toggle output on compare-
match
0
Output disabled
0
1
Output 0 on compare-match
0
Output 1 on compare-match
0
1
1
1
TGR0D is
an output
compare
register
Initial output is 1
Toggle output on compare-
match
0
Input capture on rising edge
0
1
Input capture on falling edge
0
0
1
1
Capture input
source is the
TIOC0D pin
Input capture on both edges
0
0
1
0
7 to 4
I/O Control D3 to D0
(IOD3 to IOD0)
1
1
1
1
TGR0D is
an input
capture
register
Capture input
source is
channel 1/
count clock
Input capture on TCNT1
count up/count down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com