Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 177Page - Renesas Technology Corp SH7014 Datasheet HTML 178Page - Renesas Technology Corp SH7014 Datasheet HTML 179Page - Renesas Technology Corp SH7014 Datasheet HTML 180Page - Renesas Technology Corp SH7014 Datasheet HTML 181Page - Renesas Technology Corp SH7014 Datasheet HTML 182Page - Renesas Technology Corp SH7014 Datasheet HTML 183Page - Renesas Technology Corp SH7014 Datasheet HTML 184Page - Renesas Technology Corp SH7014 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 147 of 716
REJ09B0398-0500
Section 9 Direct Memory Access Controller (DMAC)
9.1
Overview
The SH7014 includes an on-chip two-channel direct memory access controller (DMAC). The
DMAC can be used in place of the CPU to perform high-speed data transfers among external
devices equipped with DACK (transfer request acknowledge signal), external memories, memory-
mapped external devices, and on-chip peripheral modules (except for the DMAC and BSC). Using
the DMAC reduces the burden on the CPU and increases operating efficiency of the LSI as a
whole.
9.1.1
Features
The DMAC has the following features:
• Two channels
• Four Gbytes of address space in the architecture
• Byte, word, or longword selectable data transfer unit
• 64 k (65,536) transfers
• Single or dual address mode.
⎯ Single address mode: Either the transfer source or transfer destination (peripheral device) is
accessed by a DACK signal while the other is accessed by address. One transfer unit of
data is transferred in each bus cycle.
⎯ Dual address mode: Both the transfer source and transfer destination are accessed by
address. Values set in a DMAC internal register indicate the accessed address for both the
transfer source and transfer destination. Two bus cycles are required for one data transfer.
• Channel function: Dual address mode and single address mode external requests can be
accepted.
• Transfer requests: There are three DMAC transfer activation requests, as indicated below.
⎯ External request: From two DREQ pins. DREQ can be detected either by falling edge or by
low level. These can be received by all channels.
⎯ Requests from on-chip peripheral modules: Transfer requests from on-chip modules such
as SCI or A/D. These can be received by all channels.
⎯ Auto-request: The transfer request is generated automatically within the DMAC.
• Selectable bus modes: Cycle-steal mode or burst mode
• The DMAC priority order is fixed at 0 > 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com