Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 100Page - Renesas Technology Corp HD6433637SW Datasheet HTML 101Page - Renesas Technology Corp HD6433637SW Datasheet HTML 102Page - Renesas Technology Corp HD6433637SW Datasheet HTML 103Page - Renesas Technology Corp HD6433637SW Datasheet HTML 104Page - Renesas Technology Corp HD6433637SW Datasheet HTML 105Page - Renesas Technology Corp HD6433637SW Datasheet HTML 106Page - Renesas Technology Corp HD6433637SW Datasheet HTML 107Page - Renesas Technology Corp HD6433637SW Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 418 page
background image
90
5.1.1
System Control Registers
The operation mode is selected using the system control registers described in table 5.3.
Table 5.3
System Control Register
Name
Abbreviation
R/W
Initial Value
Address
System control register 1
SYSCR1
R/W
H'07
H'FFF0
System control register 2
SYSCR2
R/W
H'E0
H'FFF1
System Control Register 1 (SYSCR1)
Bit
76543210
SSBY
STS2
STS1
STS0
LSON
—
—
—
Initial value
00000111
Read/Write
R/W
R/W
R/W
R/W
R/W
—
—
—
SYSCR1 is an 8-bit read/write register for control of the power-down modes.
Upon reset, SYSCR1 is initialized to H'07.
Bit 7—Software Standby (SSBY): This bit designates transition to standby mode or watch mode.
Bit 7: SSBY
Description
0
• When a SLEEP instruction is executed in active mode, a transition is
made to sleep mode.
• When a SLEEP instruction is executed in subactive mode, a transition is
made to subsleep mode.
(initial value)
1
• When a SLEEP instruction is executed in active mode, a transition is
made to standby mode or watch mode.
• When a SLEEP instruction is executed in subactive mode, a transition is
made to watch mode.
Bits 6 to 4—Standby Timer Select 2 to 0 (STS2 to STS0): These bits designate the time the
CPU and peripheral modules wait for stable clock operation after exiting from standby mode or
watch mode to active mode due to an interrupt. The designation should be made according to the
clock frequency so that the waiting time is at least 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com