Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 102Page - Renesas Technology Corp HD6433637SW Datasheet HTML 103Page - Renesas Technology Corp HD6433637SW Datasheet HTML 104Page - Renesas Technology Corp HD6433637SW Datasheet HTML 105Page - Renesas Technology Corp HD6433637SW Datasheet HTML 106Page - Renesas Technology Corp HD6433637SW Datasheet HTML 107Page - Renesas Technology Corp HD6433637SW Datasheet HTML 108Page - Renesas Technology Corp HD6433637SW Datasheet HTML 109Page - Renesas Technology Corp HD6433637SW Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 418 page
background image
92
Bit 4— Noise Elimination Sampling Frequency Select (NESEL): This bit selects the frequency
at which the watch clock signal (ø
W) generated by the subclock pulse generator is sampled, in
relation to the oscillator clock (ø
OSC) generated by the system clock pulse generator. When øOSC = 2
to 10 MHz, clear NESEL to 0.
Bit 4: NESEL
Description
0
Sampling rate is ø
OSC/16
(initial value)
1
Sampling rate is ø
OSC/4
Bit 3—Direct Transfer on Flag (DTON): This bit designates whether or not to make direct
transitions among active (high-speed), active (medium-speed) and subactive mode when a SLEEP
instruction is executed. The mode to which the transition is made after the SLEEP instruction is
executed depends on a combination of this and other control bits.
Bit 3: DTON
Description
0
• When a SLEEP instruction is executed in active mode, a transition is
made to standby mode, watch mode, or sleep mode.
(initial value)
• When a SLEEP instruction is executed in subactive mode, a transition is
made to watch mode or subsleep mode.
1
• When a SLEEP instruction is executed in active (high-speed) mode, a
direct transition is made to active (medium-speed) mode if SSBY = 0,
MSON = 1, and LSON = 0, or to subactive mode if SSBY = 1, TMA3 = 1,
and LSON = 1.
• When a SLEEP instruction is executed in active (medium-speed) mode, a
direct transition is made to active (high-speed) mode if SSBY = 0, MSON
= 0, and LSON = 0, or to subactive mode if SSBY = 1, TMA3 = 1, and
LSON = 1.
• When a SLEEP instruction is executed in subactive mode, a direct
transition is made to active (high-speed) mode if SSBY = 1, TMA3 = 1,
LSON = 0, and MSON = 0, or to active (medium-speed) mode if SSBY =
1, TMA3 = 1, LSON = 0, and MSON = 1.
Bit 2—Medium Speed on Flag (MSON): After standby, watch, or sleep mode is cleared, this bit
selects active (high-speed) or active (medium-speed) mode.
Bit 2: MSON
Description
0
Operation is in active (high-speed) mode
(initial value)
1
Operation is in active (medium-speed) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com