Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 104Page - Renesas Technology Corp HD6433637SW Datasheet HTML 105Page - Renesas Technology Corp HD6433637SW Datasheet HTML 106Page - Renesas Technology Corp HD6433637SW Datasheet HTML 107Page - Renesas Technology Corp HD6433637SW Datasheet HTML 108Page - Renesas Technology Corp HD6433637SW Datasheet HTML 109Page - Renesas Technology Corp HD6433637SW Datasheet HTML 110Page - Renesas Technology Corp HD6433637SW Datasheet HTML 111Page - Renesas Technology Corp HD6433637SW Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 418 page
background image
94
5.3
Standby Mode
5.3.1
Transition to Standby Mode
The system goes from active mode to standby mode when a SLEEP instruction is executed while
the SSBY bit in SYSCR1 is set to 1, the LSON bit is cleared to 0, and bit TMA3 in timer mode
register A (TMA) is cleared to 0. In standby mode the clock pulse generator stops, so the CPU and
on-chip peripheral modules stop functioning. As long as a minimum required voltage is applied,
the contents of the CPU registers and some on-chip peripheral function internal registers, and data
in the on-chip RAM, will be retained. The I/O ports go to the high-impedance state.
5.3.2
Clearing Standby Mode
Standby mode is cleared by an interrupt (IRQ
0, IRQ1, WKP0 to WKP7) or by input at the RES pin.
Clearing by Interrupt: When an interrupt is requested, the system clock pulse generator starts.
After the time set in bits STS2 to STS0 in SYSCR1 has elapsed, a stable system clock signal is
supplied to the entire chip, standby mode is cleared, and interrupt exception handling starts.
Operation resumes in active (high-speed) mode if MSON = 0 in SYSCR2, or active (medium-
speed) mode if MSON = 1. Standby mode is not cleared if the I bit of CCR is set to 1 or the
particular interrupt is disabled in the interrupt enable register.
Clearing by
RES Input: When the RES pin goes low, the system clock pulse generator starts.
After the pulse generator output has stabilized, if the
RES pin is driven high, the CPU starts reset
exception handling.
Since system clock signals are supplied to the entire chip as soon as the system clock pulse
generator starts functioning, the
RES pin should be kept at the low level until the pulse generator
output stabilizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com