Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 182Page - Renesas Technology Corp HD6433637SW Datasheet HTML 183Page - Renesas Technology Corp HD6433637SW Datasheet HTML 184Page - Renesas Technology Corp HD6433637SW Datasheet HTML 185Page - Renesas Technology Corp HD6433637SW Datasheet HTML 186Page - Renesas Technology Corp HD6433637SW Datasheet HTML 187Page - Renesas Technology Corp HD6433637SW Datasheet HTML 188Page - Renesas Technology Corp HD6433637SW Datasheet HTML 189Page - Renesas Technology Corp HD6433637SW Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 418 page
background image
172
Timer Control Register F (TCRF)
Bit
76543210
TOLH
CKSH2
CKSH1
CKSH0
TOLL
CKSL2
CKSL1
CKSL0
Initial value
00000000
Read/Write
WWWWWWWW
TCRF is an 8-bit write-only register. It is used to switch between 16-bit mode and 8-bit mode, to
select among four internal clocks and an external event, and to select the output level at pins
TMOFH and TMOFL.
Upon reset, TCRF is initialized to H'00.
Bit 7—Toggle Output Level H (TOLH): Bit 7 sets the output level at pin TMOFH. The setting
goes into effect immediately after this bit is written.
Bit 7: TOLH
Description
0
Low level
(initial value)
1
High level
Bits 6 to 4—Clock Select H (CKSH2 to CKSH0): Bits 6 to 4 select the input to TCFH from four
internal clock signals or the overflow of TCFL.
Bit 6: CKSH2
Bit 5: CKSH1
Bit 4: CKSH0
Description
0
**
16-bit mode selected. TCFL overflow signals
are counted.
(initial value)
1
0
0
Internal clock: ø/32
1
Internal clock: ø/16
1
0
Internal clock: ø/4
1
Internal clock: ø/2
Note: * Don’t care
Bit 3—Toggle Output Level L (TOLL): Bit 3 sets the output level at pin TMOFL. The setting
goes into effect immediately after this bit is written.
Bit 3: TOLL
Description
0
Low level
(initial value)
1
High level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com