Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 184Page - Renesas Technology Corp HD6433637SW Datasheet HTML 185Page - Renesas Technology Corp HD6433637SW Datasheet HTML 186Page - Renesas Technology Corp HD6433637SW Datasheet HTML 187Page - Renesas Technology Corp HD6433637SW Datasheet HTML 188Page - Renesas Technology Corp HD6433637SW Datasheet HTML 189Page - Renesas Technology Corp HD6433637SW Datasheet HTML 190Page - Renesas Technology Corp HD6433637SW Datasheet HTML 191Page - Renesas Technology Corp HD6433637SW Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 418 page
background image
174
Bit 6—Compare Match Flag H (CMFH): Bit 6 is a status flag indicating a compare match
between TCFH and OCRFH. This flag is set by hardware and cleared by software. It cannot be set
by software.
Bit 6: CMFH
Description
0
[Clearing conditions]
(initial value)
After reading CMFH = 1, cleared by writing 0 to CMFH
1
[Setting conditions]
Set when the TCFH value matches OCRFH value
Bit 5—Timer Overflow Interrupt Enable H (OVIEH): Bit 5 enables or disables TCFH
overflow interrupts.
Bit 5: OVIEH
Description
0
TCFH overflow interrupt disabled
(initial value)
1
TCFH overflow interrupt enabled
Bit 4—Counter Clear H (CCLRH): In 16-bit mode, bit 4 selects whether or not TCF is cleared
when a compare match occurs between TCF and OCRF.
In 8-bit mode, bit 4 selects whether or not TCFH is cleared when a compare match occurs between
TCFH and OCRFH.
Bit 4: CCLRH
Description
0
16-bit mode: TCF clearing by compare match disabled
(initial value)
8-bit mode: TCFH clearing by compare match disabled
1
16-bit mode: TCF clearing by compare match enabled
8-bit mode: TCFH clearing by compare match enabled
Bit 3—Timer Overflow Flag L (OVFL): Bit 3 is a status flag indicating TCFL overflow (H'FF
to H'00). This flag is set by hardware and cleared by software. It cannot be set by software.
Bit 3: OVFL
Description
0
[Clearing conditions]
(initial value)
After reading OVFL = 1, cleared by writing 0 to OVFL
1
[Setting conditions]
Set when the value of TCFL goes from H'FF to H'00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com