Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 183Page - Renesas Technology Corp HD6433637SW Datasheet HTML 184Page - Renesas Technology Corp HD6433637SW Datasheet HTML 185Page - Renesas Technology Corp HD6433637SW Datasheet HTML 186Page - Renesas Technology Corp HD6433637SW Datasheet HTML 187Page - Renesas Technology Corp HD6433637SW Datasheet HTML 188Page - Renesas Technology Corp HD6433637SW Datasheet HTML 189Page - Renesas Technology Corp HD6433637SW Datasheet HTML 190Page - Renesas Technology Corp HD6433637SW Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 418 page
background image
173
Bits 2 to 0—Clock Select L (CKSL2 to CKSL0): Bits 2 to 0 select the input to TCFL from four
internal clock signals or external event input.
Bit 2: CKSL2
Bit 1: CKSL1
Bit 0: CKSL0
Description
0
**
External event (TMIF). Rising or falling edge
is counted (see note).
(initial value)
1
0
0
Internal clock: ø/32
1
Internal clock: ø/16
1
0
Internal clock: ø/4
1
Internal clock: ø/2
*: Don’t care
Note: The edge of the external event signal is selected by bit IEG3 in the IRQ edge select register
(IEGR). See 3.3.2, Interrupt Control Registers, for details on the IRQ edge select register.
Note that switching the TMIF pin function by changing bit IRQ3 in port mode register 1
(PMR1) from 0 to 1 or from 1 to 0 while the TMIF pin is at the low level may cause the timer
F counter to be incremented.
Timer Control/Status Register F (TCSRF)
Bit
76543210
OVFH
CMFH
OVIEH
CCLRH
OVFL
CMFL
OVIEL
CCLRL
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TCSRF is an 8-bit read/write register. It is used for counter clear selection, overflow and compare
match indication, and enabling of interrupts caused by timer overflow.
Upon reset, TCSRF is initialized to H'00.
Bit 7—Timer Overflow Flag H (OVFH): Bit 7 is a status flag indicating TCFH overflow (H'FF
to H'00). This flag is set by hardware and cleared by software. It cannot be set by software.
Bit 7: OVFH
Description
0
[Clearing conditions]
(initial value)
After reading OVFH = 1, cleared by writing 0 to OVFH
1
[Setting conditions]
Set when the value of TCFH goes from H'FF to H'00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com