Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 259Page - Renesas Technology Corp HD6433637SW Datasheet HTML 260Page - Renesas Technology Corp HD6433637SW Datasheet HTML 261Page - Renesas Technology Corp HD6433637SW Datasheet HTML 262Page - Renesas Technology Corp HD6433637SW Datasheet HTML 263Page - Renesas Technology Corp HD6433637SW Datasheet HTML 264Page - Renesas Technology Corp HD6433637SW Datasheet HTML 265Page - Renesas Technology Corp HD6433637SW Datasheet HTML 266Page - Renesas Technology Corp HD6433637SW Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 418 page
background image
249
Figure 10.7 shows a typical flow chart for SCI3 initialization.
Start
Clear TE and RE to 0 in SCR3
Select communication format in SMR
Set BRR value
Has a 1-bit
interval elapsed?
Set bits RIE, TIE, TEIE, and MPIE
in SCR3, and set TE or RE to 1
2
3
4
2.
3.
4.
1.
Set the transmit/receive format in the serial
mode register (SMR).
Write the value corresponding to the desired
bit rate to the bit rate register (BRR). Note that
this setting is not required when using an
external clock.
Wait for at least a 1-bit interval, then set
bits RIE, TIE, TEIE, and MPIE, and set bit
TE or RE in SCR3 to 1. Setting TE or RE
No
Yes
Wait
End
enables SCI3 to use the TXD or RXD pin.
The initial states in asynchronous mode
are the mark transmit state and the idle
receive state (waiting for a start bit).
1
Set bits CKE1 and CKE0
Select the clock using serial control
register 3(SCR3). Be sure to set 0 for other
unused bits.
When the clock output is selected in the
asynchronous mode, a clock signal is
output immediately after setting bits CKE1
and CKE0 appropriately.
Note: In the case of simultaneous transmit/receive operations in synchronous mode,
the TE bit and RE bit must be cleared to 0, or set to 1, simultaneously.
Figure 10.7 Typical Flow Chart when SCI3 Is Initialized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com