Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 261Page - Renesas Technology Corp HD6433637SW Datasheet HTML 262Page - Renesas Technology Corp HD6433637SW Datasheet HTML 263Page - Renesas Technology Corp HD6433637SW Datasheet HTML 264Page - Renesas Technology Corp HD6433637SW Datasheet HTML 265Page - Renesas Technology Corp HD6433637SW Datasheet HTML 266Page - Renesas Technology Corp HD6433637SW Datasheet HTML 267Page - Renesas Technology Corp HD6433637SW Datasheet HTML 268Page - Renesas Technology Corp HD6433637SW Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 418 page
background image
251
SCI3 operates as follows during data transmission in asynchronous mode.
SCI3 monitors bit TDRE in SSR. When this bit is cleared to 0, SCI3 recognizes that there is data
written in the transmit data register (TDR), which it transfers to the transmit shift register (TSR).
Then TDRE is set to 1 and transmission starts. If bit TIE in SCR3 is set to 1, a TXI interrupt is
requested.
Serial data is transmitted from pin TXD using the communication format outlined in
table 10.14. After that, it checks TDRE at the same timing which it transmits the stop bit.
If TDRE is 0, data is transferred from TDR to TSR, and after the stop bit is sent, transmission of
the next frame starts. If TDRE is 1, the TEND bit in SSR is set to 1, and after the stop bit is sent,
the “mark state” is entered, in which 1 is continuously output. A TEI interrupt is requested in this
state if bit TEIE in SCR3 is set to 1.
Figure 10.9 shows a typical operation in asynchronous transmission mode.
0
D0
D1
D7
0/1
1
D0
D1
D7
0/1
1
0
Start
bit
Parity
bit
Stop
bit
Parity
bit
Stop
bit
1
Start
bit
Mark
state
TDRE
TEND
TXI request
TEI request
1 frame
TXI request
Serial
data
Transmit
data
Transmit
data
1 frame
SCI3
operation
User
processing
TDRE cleared to 0
1
Write data in TDR
Figure 10.9 Typical Transmit Operation in Asynchronous Mode
(8-Bit Data, Parity Bit Added, and 1 Stop Bit)
Receiving: Figure 10.10 shows a typical flow chart for receiving serial data. After SCI3
initialization, follow the procedure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com