Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 260Page - Renesas Technology Corp HD6433637SW Datasheet HTML 261Page - Renesas Technology Corp HD6433637SW Datasheet HTML 262Page - Renesas Technology Corp HD6433637SW Datasheet HTML 263Page - Renesas Technology Corp HD6433637SW Datasheet HTML 264Page - Renesas Technology Corp HD6433637SW Datasheet HTML 265Page - Renesas Technology Corp HD6433637SW Datasheet HTML 266Page - Renesas Technology Corp HD6433637SW Datasheet HTML 267Page - Renesas Technology Corp HD6433637SW Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 418 page
background image
250
Transmitting: Figure 10.8 shows a typical flow chart for data transmission. After SCI3
initialization, follow the procedure below.
Start
Read bit TDRE in SSR
TDRE = 1?
Write transmit data in TDR
Continue
data transmission?
TEND = 1?
Read bit TEND in SSR
Break output?
Set PDR = 0 and PCR = 1
Clear bit TE in SCR3 to 0
End
1
2
3
1.
2.
3.
Read the serial status register (SRR),
and after confirming that bit TDRE = 1,
write transmit data in the transmit data
register (TDR). When data is written to
TDR, TDRE is automatically cleared to 0.
To continue transmitting data, first read
TDRE to confirm that it is set to 1, indicating
that data writing is enabled, then write the
next data to TDR. When data is written to
TDR, TDRE is automatically cleared to 0.
To output a break signal when transmission
ends, first set the port values PCR = 1 and
PDR = 0, then clear bit TE in SCR3 to 0.
No
Yes
No
No
Yes
No
Yes
Yes
Figure 10.8 Typical Data Transmission Flow Chart (Asynchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com