Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 274Page - Renesas Technology Corp HD6433637SW Datasheet HTML 275Page - Renesas Technology Corp HD6433637SW Datasheet HTML 276Page - Renesas Technology Corp HD6433637SW Datasheet HTML 277Page - Renesas Technology Corp HD6433637SW Datasheet HTML 278Page - Renesas Technology Corp HD6433637SW Datasheet HTML 279Page - Renesas Technology Corp HD6433637SW Datasheet HTML 280Page - Renesas Technology Corp HD6433637SW Datasheet HTML 281Page - Renesas Technology Corp HD6433637SW Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 418 page
background image
264
Transmitting Multiprocessor Data: Figure 10.20 shows a typical flow chart for multiprocessor
serial data transmission. After SCI3 initialization, follow the procedure below.
Start
Read bit TDRE in SSR
TDRE = 1?
Set bit MPBT in SSR
Write transmit data to TDR
Continue
transmitting?
Read bit TEND in SSR
TEND = 1?
Break output?
Set PDR = 0 and PCR = 1
Clear bit TE in SCR3 to 0
End
1
2
3
2.
3.
1.
To continue transmitting data, read bit
TDRE to make sure it is set to 1, indicating
that data writing is enabled. Then write
the next data to TDR.
When data is written to TDR, TDRE
is automatically cleared to 0.
To output a break signal at the end of data
transmission, first set the port values
PCR = 1 and PDR = 0, then clear bit TE
in SCR3 to 0.
Read the serial status register (SSR), and
after confirming that bit TDRE = 1, set bit
MPBT (multiprocessor bit transmit) in SSR
to 0 or 1, then write transmit data in the
transmit data register (TDR).
No
Yes
No
No
Yes
No
Yes
Yes
When data is written to TDR, TDRE is
automatically cleared to 0.
Figure 10.20 Typical Multiprocessor Data Transmission Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com