Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 276Page - Renesas Technology Corp HD6433637SW Datasheet HTML 277Page - Renesas Technology Corp HD6433637SW Datasheet HTML 278Page - Renesas Technology Corp HD6433637SW Datasheet HTML 279Page - Renesas Technology Corp HD6433637SW Datasheet HTML 280Page - Renesas Technology Corp HD6433637SW Datasheet HTML 281Page - Renesas Technology Corp HD6433637SW Datasheet HTML 282Page - Renesas Technology Corp HD6433637SW Datasheet HTML 283Page - Renesas Technology Corp HD6433637SW Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 418 page
background image
266
Receiving Multiprocessor Ddata: Figure 10.22 shows a typical flow chart for receiving data
using a multiprocessor format. After SCI3 initialization, follow the procedure below.
Start
Set bit MPIE in SCR3 to 1
Read bits OER and FER in SSR
Read bit RDRF in SSR
RDRF = 1?
Read received data in RDR
OER + FER = 1?
Read bits OER and FER in SSR
Continue receiving?
End
Clear bit RE in SCR3 to 0
Start receive error processing
OER = 1?
FER = 1?
Clear bits OER and
FER in SSR to 0.
Overrun error
processing
Break?
Framing error
processing
1
2
1.
2.
4.
5.
Set bit MPIE in serial control register 3 (SCR3) to 1.
Read bits OER and FER in the serial status register (SSR)
to determine if an error has occurred. If a receive error has
occurred, receive error processing is executed.
Read SSR, check that bit RDRF = 1, then read received
data from the receive data register (RDR).
If a receive error occurs, read bits OER and FER in SSR
to determine which error occurred. After the necessary
error processing, be sure to clear the error flags to 0.
Data reception cannot resume while bit OER or FER is
set to 1.
When a framing error occurs, a break can be detected by
reading the RXD pin value.
No
Yes
Yes
No
Yes
No
Yes
Yes
No
No
Yes
No
Error processing
Read received data in RDR
A
A
End receive error processing
Own ID?
No
Read bit RDRF in SSR
4
OER + FER = 1?
Yes
Yes
No
RDRF = 1?
No
Yes
5
3.
If the received data does not match the ID, set bit MPIE to
1 again. Bit RDRF is automatically cleared to 0 when data
in the received data register (RDR) is read.
Read the serial status register (SSR) and confirm that
RDRF = 1. If RDRF = 1, read the data in the received data
register (RDR) and compare it with the processor’s own ID.
3
Figure 10.22 Typical Flow Chart for Receiving Serial Data Using Multiprocessor Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com