Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 275Page - Renesas Technology Corp HD6433637SW Datasheet HTML 276Page - Renesas Technology Corp HD6433637SW Datasheet HTML 277Page - Renesas Technology Corp HD6433637SW Datasheet HTML 278Page - Renesas Technology Corp HD6433637SW Datasheet HTML 279Page - Renesas Technology Corp HD6433637SW Datasheet HTML 280Page - Renesas Technology Corp HD6433637SW Datasheet HTML 281Page - Renesas Technology Corp HD6433637SW Datasheet HTML 282Page - Renesas Technology Corp HD6433637SW Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 418 page
background image
265
SCI3 operates as follows during data transmission using a multiprocessor format.
SCI3 monitors bit TDRE in SSR. When this bit is cleared to 0, SCI3 recognizes that there is data
written in the transmit data register (TDR), which it transfers to the transmit shift register (TSR).
Then TDRE is set to 1 and transmission starts. If bit TIE in SCR3 is set to 1, a TXI interrupt is
requested.
Serial data is transmitted from pin TXD using the communication format outlined in
table 10.14.
Next, TDRE is checked as the stop bit is being transmitted. If TDRE is 0, data is transferred from
TDR to TSR, and after the stop bit is sent, transmission of the next frame starts. If TDRE is 1, the
TEND bit in SSR is set to 1, and after the stop bit is sent the output remains at 1 (mark state). A
TEI interrupt is requested in this state if bit TEIE (transmit end interrupt enable) in SCR3 is set
to 1.
Figure 10.21 shows a typical SCI3 operation in multiprocessor communication mode.
0D0
D1
D7
D0
D1
0
D7
1
0/1
1
0/1
Start
bit
Start
bit
Stop
bit
Stop
bit
MPB
MPB
1
TDRE
TEND
TDRE cleared
to 0
TXI
request
TEI
request
1 frame
TXI request
Serial
data
Transmit
data
Transmit
data
Mark
state
1 frame
SCI3
operation
User
processing
Write data in
TDR
1
Figure 10.21 Typical Multiprocessor Format Transmit Operation
(8-Bit Data, Multiprocessor Bit Added, and 1 Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com