Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 345Page - Renesas Technology Corp 7641 Datasheet HTML 346Page - Renesas Technology Corp 7641 Datasheet HTML 347Page - Renesas Technology Corp 7641 Datasheet HTML 348Page - Renesas Technology Corp 7641 Datasheet HTML 349Page - Renesas Technology Corp 7641 Datasheet HTML 350Page - Renesas Technology Corp 7641 Datasheet HTML 351Page - Renesas Technology Corp 7641 Datasheet HTML 352Page - Renesas Technology Corp 7641 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 70 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
Fig. 3.5.37 Structure of DMAC channel x (x = 0, 1) mode register 1
DMAC channel x mode register 1 (x = 0, 1)
b7 b6 b5 b4 b3 b2 b1 b0
DMAC channel x mode register 1
(DMAxM1 : address 4016) (Note 1)
b
0
1
Name
Functions
At reset R W
0
0
0
0 : Increment after transfer
1 : Decrement after transfer
0 : Disabled (No change after transfer)
1 : Enabled
7
DMAC channel x source
register increment/decrement
selection bit (DxSRID)
DMAC channel x source
register increment/decrement
enable bit (DxSRCE)
6
2
3
0
0
0
0
0 : Increment after transfer
1 : Decrement after transfer
0 : Disabled (No change after transfer)
1 : Enabled
DMAC channel x destination
register increment/decrement
selection bit (DxDRID)
DMAC channel x destination
register increment/decrement
enable bit (DxDRCE)
DMAC channel x data
write control bit (DxDWC)
0 : Writing data in reload latches and
registers
1 : Writing data in reload latches only
0
DMAC channel x disable after
count register underflow
enable bit (DxDAUE)
0 : Channel x enabled after count
register underflow
1 : Channel x disabled after count
register underflow
DMAC channel x register
reload bit (DxRLD)
0 : Not reloaded
1 : Source, destination, and transfer
count registers contents of channel x
to be reloaded
DMAC channel x transfer
mode selection bit (DxTMS)
0 : Cycle steal transfer mode
1 : Burst transfer mode
4
5
0
0
(Note 2)
Notes 1: Channels 1 and 2 share this register. The channel selection which can use this register
depends on channel index bit, bit 7 of DMAC index and status register.
2: These bits’ contents are “0” at read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com