Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 341Page - Renesas Technology Corp 7641 Datasheet HTML 342Page - Renesas Technology Corp 7641 Datasheet HTML 343Page - Renesas Technology Corp 7641 Datasheet HTML 344Page - Renesas Technology Corp 7641 Datasheet HTML 345Page - Renesas Technology Corp 7641 Datasheet HTML 346Page - Renesas Technology Corp 7641 Datasheet HTML 347Page - Renesas Technology Corp 7641 Datasheet HTML 348Page - Renesas Technology Corp 7641 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 66 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
UARTx control register
b7 b6 b5 b4 b3 b2 b1 b0
UARTx (x = 1, 2) control register
(UxCON : addresses 3316, 3B16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0
Receive enable bit (REN)
Transmit interrupt source
select bit (TIS)
CTS function enable bit
(CTS_SEL)
Receive initialization bit
(RIN)
0 : Transmit disabled
1 : Transmit enabled
0 : Receive disabled
1 : Receive enabled
Transmit initialization bit
(TIN)
0 : No action
1 : Initializing (Note 1)
0 : No action
1 : Initializing (Note 2)
0 : CTS function disabled (Note 3)
1 : CTS function enabled
0 : Interrupt when transmit buffer has
emptied
1 : Interrupt when transmit shift operation
is completed
5
0
6
7
0
Transmit enable bit (TEN)
3
0 : RTS function disabled (Note 4)
1 : RTS function enabled
0 : Address mode disabled
1 : Address mode enabled
RTS function enable bit
(RTS_SEL)
UART address mode
enable bit (AME)
Notes 1: When setting the TIN bit to “1”, the TEN bit is set to “0” and the UARTx status
register will be set to “0316” after the data has been transmitted. To retransmit, set
the TEN bit to “1” and set a data to the transmit buffer register again. The TIN bit
will be cleared to “0” one cycle later after the TIN bit has been set to “1”.
2: Setting the RIN bit to “1” suspends the receiving operation and will set all of the
REN, RBF and the receive error flags (PER, FER, OER, SER) to “0”. The RIN bit
will be cleared to “0” one cycle later after the RIN bit has been set to “1”.
3: When CTS function is disabled (CTS_SEl = “0”), pins P82 and P86 can be used as
ordinary I/O ports.
4: When RTS function is disabled (RTS_SEl = “0”), pins P83 and P87 can be used as
ordinary I/O ports.
Fig. 3.5.33 Structure of UARTx (x = 1, 2) control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com