Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 344Page - Renesas Technology Corp 7641 Datasheet HTML 345Page - Renesas Technology Corp 7641 Datasheet HTML 346Page - Renesas Technology Corp 7641 Datasheet HTML 347Page - Renesas Technology Corp 7641 Datasheet HTML 348Page - Renesas Technology Corp 7641 Datasheet HTML 349Page - Renesas Technology Corp 7641 Datasheet HTML 350Page - Renesas Technology Corp 7641 Datasheet HTML 351Page - Renesas Technology Corp 7641 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 69 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
DMAC index and status register
b7 b6 b5 b4 b3 b2 b1 b0
DMAC index and status register
(DMAIS : address 3F16)
b
0
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
DMAC channel 0 suspend
flag (D0SFI) (Note 1)
DMAC transfer suspend
control bit (DTSC) (Note 2)
DMAC channel 1 count
register underflow flag (D1UF)
0 : No underflow
1 : Underflow generated
0 : Not suspended
1 : Suspended
DMAC channel 1 suspend
flag (D1SFI) (Note 1)
0 : No underflow
1 : Underflow generated
5
0
DMAC register reload
disable bit (DRLDD)
(Note 3)
7
0
Channel index bit (DCI)
0 : Channel 0 accessible
1 : Channel 1 accessible
Accessed registers: Mode register,
source register, destination register,
transfer count register.
0
DMAC channel 0 count
register underflow flag (D0UF)
Fix this bit to “0”.
3
0 : Not suspended
1 : Suspended
0 :Suspending only burst transfers during
interrupt process
1 : Suspending both burst and cycle steal
transfers during interrupt process
0 :Enabling reload of source and
destination registers of both channels
1 : Disabling reload of source and
destination registers of both channels
6
✕
✕
Notes 1: Suspended by an interrupt.
2: Transfer suspended during interrupt process
3: This settings affect the source and destination registers of both channels.
✽
✽
✽: “0” can be set by software, but “1” cannot be set.
Fig. 3.5.36 Structure of DMAC index and status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com