Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 342Page - Renesas Technology Corp 7641 Datasheet HTML 343Page - Renesas Technology Corp 7641 Datasheet HTML 344Page - Renesas Technology Corp 7641 Datasheet HTML 345Page - Renesas Technology Corp 7641 Datasheet HTML 346Page - Renesas Technology Corp 7641 Datasheet HTML 347Page - Renesas Technology Corp 7641 Datasheet HTML 348Page - Renesas Technology Corp 7641 Datasheet HTML 349Page - Renesas Technology Corp 7641 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 67 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.5 Control registers
UARTx transmit/receive buffer registers 1, 2
b7 b6 b5 b4 b3 b2 b1 b0
UARTx (x = 1, 2) transmit/receive buffer register 1
(UxTRB1: addresses 3416, 3C16)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
6
Undefined
7
Undefined
The transmit buffer register and the receive buffer register are located
at the same address. Writing a transmitting data and reading a
received data are performed through the UxTRB. This is its low-order
byte.
•At write
The data is written into the transmit buffer register. It is not done into
the receive buffer register.
•At read
The contents of receive buffer register is read.
If a character bit length is 7 bits, the MSB of received data is invalid.
Note that the contents of transmit buffer register cannot be read.
b7 b6 b5 b4 b3 b2 b1 b0
UARTx (x = 1, 2) transmit/receive buffer register 2
(UxTRB2: addresses 3516, 3D16)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
6
Undefined
7
Undefined
The transmit buffer register and the receive buffer register are located
at the same address. Writing a transmitting data and reading a
received data are performed through the UxTRB. This is its high-
order byte.
•At write
The data is written into the transmit buffer register. It is not done into
the receive buffer register.
•At read
The contents of receive buffer register is read.
If a character bit length is 9 bits, the received high-order 7 bits of
UxTRB2 are “0”
Note that the contents of transmit buffer register cannot be read. If a
character bit length is 7 or 8 bits, the received contents of UxTRB2
are invalid.
Nothing is arranged for this bit. This is a write disable bit. When this
bit is read out, the contents are “0”.
✕
✕
✕
✕
✕
✕
✕
Fig. 3.5.34 Structure of UARTx (x = 1, 2) transmit/receive buffer registers 1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com